Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-229YGW Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # GB-229YGW
Description  Multi-Color, Common Cathode 3mm Round Type LED Lamps (3 Pins)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

GB-229YGW Datasheet(HTML) 1 Page - Lucky Light Electronic

  GB-229YGW Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GB-229 SERIES
Multi-Color, Common Cathode
3mm Round Type
LED Lamps (3 Pins)
DESCRIPTION:
The 229 series is three leaded bicolor light sources designed and white diffused
for a variety of applications where dual state illumination is required in the same
package.
There are two different chips mounted on a central common cathode lead.
Colors can be generated by independently pulse width modulating the chips.
The semi-conductor materials used are:
GaP for (H, G)
GaAsP/GaP for (E, Y)
TESTING CONDITION FOR EACH PARAMETER :
PARAMETER:
REVERSE VOLTAGE
REVERSE CURRENT
FORWARD VOLTAGE
LUMINOUS INTENSITY
VIEWING ANGLE
RECOMMENDED OPERATING CURRENT
SYMBOL
Vr
Ir
Vf
Iv
2
θ1/2
If (Rec)
UNIT
VOLT
µA
VOLT
MCD
DEGREE
mA
TEST CONDITION
Vr = 5.0 Volt
If = 20mA
If = 20mA
If = 20mA
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
oC AMBIENT)
GB-229EGW
GB-229YGW
Part No.
Hi-Eff Red
Green
Yellow
Green
Emitted
Color
White Diffused
White Diffused
White Diffused
White Diffused
Lens
Color
635
565
585
565
Peak
Wavelength
λp (nm)
2.6
2.6
2.6
2.6
1.7
1.7
1.7
1.7
Vf (v)
Min Max
10-20
10-20
10-20
10-20
Rec.
If (mA).
6.0
4.5
3.0
4.5
4.0
1.1
1.0
1.1
Iv (mcd)
Min Typ.
38
38
38
38
View
Angle
2
θ1/2(Deg)
3.8
5.3
23.0 Min.
4.0
2.0
1.0 Max.
1.0
φ3.0
SPATIAL DISTRIBUTION
PACKAGE DIMENSIONS
Red
Hi-Eff Red
Yellow
0
o
10
o
20
o
30
o
40
o
0.7
0.8
0.9
1.0
50
o
60
o
70
o
80
o
90
o
0.5
0.3
0.1
0.2
0.4
0.6
ABSOLUTE MAXIMUM RATINGS: (Ta=25
oC)
5 Volt
100
µA
-40
oC To 85oC
-40
oC To 100oC
260
oC For 5 Seconds
Reverse Voltage
Reverse Current (Vr =5V)
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature
(1.6mm (1/16)From Body)
NOTES : 1. All dimensions are in millimeters.
2. Lead spacing is measured where the leads emerge from the package.
3. Protuded resin under flange is 1.5 mm (0.059") Max.
4. Specifications are subject to change without notice.
Unit: mm
Tol: +/- 0.2mm
0.5
2.54
2.54
Green
12
1
2
3
3


Similar Part No. - GB-229YGW

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-222 LUCKY-LIGHT-GB-222 Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GC LUCKY-LIGHT-GB-222GC Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GD LUCKY-LIGHT-GB-222GD Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222GT LUCKY-LIGHT-GB-222GT Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
GB-222HD LUCKY-LIGHT-GB-222HD Datasheet
42Kb / 1P
   Round Type Short Lead LED Lamps (3mm)
More results

Similar Description - GB-229YGW

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-809 LUCKY-LIGHT-GB-809 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 8mm Round Type LED Lamps (3 Pins)
GB-339 LUCKY-LIGHT-GB-339 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 5mm Round Type LED Lamps (3 Pins)
GB-1009 LUCKY-LIGHT-GB-1009 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 10mm Round Type LED Lamps (3 Pins)
GB-169 LUCKY-LIGHT-GB-169 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 2mm Round Tower Type LED Lamps (3 Pins)
GB-529 LUCKY-LIGHT-GB-529 Datasheet
42Kb / 1P
   Multi-Color, Common Cathode 2x5mm Rectangular Type, Flangeless LED Lamps (3 Pins)
GB-269 LUCKY-LIGHT-GB-269 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3.2mm Round Type, Small Flange, Low Profile LED Lamps (3 Pins)
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
logo
Everlight Electronics C...
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
339-1SURSYGW EVERLIGHT-339-1SURSYGW Datasheet
146Kb / 7P
   5.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com