Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3062 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FODM3062
Description  4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3062 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FODM3062 Datasheet HTML 2Page - Fairchild Semiconductor FODM3062 Datasheet HTML 3Page - Fairchild Semiconductor FODM3062 Datasheet HTML 4Page - Fairchild Semiconductor FODM3062 Datasheet HTML 5Page - Fairchild Semiconductor FODM3062 Datasheet HTML 6Page - Fairchild Semiconductor FODM3062 Datasheet HTML 7Page - Fairchild Semiconductor FODM3062 Datasheet HTML 8Page - Fairchild Semiconductor FODM3062 Datasheet HTML 9Page - Fairchild Semiconductor FODM3062 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FODM306X/FODM308X Rev. 1.0.4
Typical Performance Curves
Figure 8. Static dv/dt Test Circuit
Vdc
800V (FODM3082)
(FODM3083)
600V (FODM3062)
(FODM3063)
R = 10 k
CTEST
X100
SCOPE
PROBE
PULSE
INPUT
MERCURY
WETTED
RELAY
378V (FODM3062, FODM3063)
504V (FODM3082, FODM3083)
0 VOLTS
APPLIED VOLTAGE
WAVEFORM
Vmax =
dv/dt =
0.63 Vmax
RTEST
D.U.T.
D.U.T.
τRC
τRC
= 800V (FODM3082, FODM3083)
= 600V (FODM3062, FODM3063)
=
378
τRC (FODM3062, FODM3063)
=
504
τRC
(FODM3082, FODM3083)
Figure 9. Hot-Line Switching Application Circuit
0.01
VCC
Rin
1
2
4
3
240 VAC
HOT
NEUTRAL
360
*For highly inductive loads (power factor < 0.5), change this value to 360 ohms.
330
FODM3062
FODM3063
FODM3082
FODM3083
39*
LOAD
Typical circuit for use when hot line switching of 240VAC
is required. In this circuit the “hot” side of the line is
switched and the load connected to the cold or neutral
side. The load may be connected to either the neutral or
hot line.
Rin is calculated so that IF is equal to the rated IFT of the
part, 5mA for the FODM3063/83 and 10mA for the
FODM3062/82. The 39
Ω resistor and 0.01µF capacitor are
for snubbing of the triac and may or may not be necessary
depending upon the particular triac and load used.
Note:
This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only.
1. The mercury wetted relay provides a high speed repeated
pulse to the D.U.T.
2. 100x scope probes are used, to allow high speeds and
voltages.
3. The worst-case condition for static dv/dt is established by
triggering the D.U.T. with a normal LED input current, then
removing the current. The variable RTEST allows the dv/dt
to be gradually increased until the D.U.T. continues to trigger
in response to the applied voltage pulse, even after the LED
current has been removed. The dv/dt is then decreased until
the D.U.T. stops triggering. tRC is measured at this point
and recorded.
Figure 10. Inverse-Parallel SCR Driver Circuit (240VAC)
VCC
Rin
1
2
4
3
240 VAC
SCR
360
R1
D1
SCR
R2
D2
LOAD
Suggested method of firing two, back-to-back
SCR’s, with a Fairchild triac driver. Diodes can
be 1N4001; resistors, R1 and R2, are optional
330 ohms.
Note:
This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only.
FODM3062
FODM3063
FODM3082
FODM3083


Similar Part No. - FODM3062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3062 FAIRCHILD-FODM3062 Datasheet
273Kb / 13P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
More results

Similar Description - FODM3062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3063R2 FAIRCHILD-FODM3063R2 Datasheet
273Kb / 13P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com