Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSD210DH Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSD210DH
Description  Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSD210DH Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSD210DH Datasheet HTML 7Page - Fairchild Semiconductor FSD210DH Datasheet HTML 8Page - Fairchild Semiconductor FSD210DH Datasheet HTML 9Page - Fairchild Semiconductor FSD210DH Datasheet HTML 10Page - Fairchild Semiconductor FSD210DH Datasheet HTML 11Page - Fairchild Semiconductor FSD210DH Datasheet HTML 12Page - Fairchild Semiconductor FSD210DH Datasheet HTML 13Page - Fairchild Semiconductor FSD210DH Datasheet HTML 14Page - Fairchild Semiconductor FSD210DH Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ510, FSQ510H, and FSQ510M • Rev. 1.2.0
11
V
FB
V
ds
0.75V
0.85V
I
ds
Vo
Voset
time
Switching
disabled
Switching
disabled
t
4
t
3
t
2
t
1
Figure 18. Burst-Mode Operation
7.
Advanced
Valley
Switching
Operation
: To
minimize
switching
loss
and
Electromagnetic
Interference (EMI), the MOSFET turns on when the
drain voltage reaches its minimum value in VS
converters. Due to the Discontinuous Conduction Mode
(DCM) operation, the feedback voltage is not changed,
despite the DC link voltage ripples, if the load condition
is not changed. Since the slope of the drain current is
changed depending on the DC link voltage, the turn-on
duration of MOSFET is variable with the DC link voltage
ripples. The switching period is changed continuously
with the DC link voltage ripples. Not only the switching
at the instant of the minimum drain voltage, but also the
continuous change of the switching period, reduces
EMI. VS converters inherently scatter the EMI spectrum.
Typical products for VSC turn the MOSFET on when the
first valley is detected. In this case, the range of the
switching frequency is very wide as a result of the load
variations. At a very light-load, for example, the
switching frequency can be as high as several hundred
kHz. Some products for VSC, such as Fairchild’s
FSCQ-series, define the turn-on instant of SenseFET
change at the first valley into at the second valley, when
the load condition decreases under its predetermined
level. The range of switching frequency narrows
somewhat. For details, consult an FSCQ-series
datasheet, such as:
http://www.fairchildsemi.com/pf/FS/FSCQ1265RT.html
The range of the switching frequency can be limited
tightly in FSQ-series. Because a kind of blanking time
(tB) is adopted, as shown in Figure 19, the switching
frequency has minimum and maximum values.
Once the SenseFET is enabled, the next start is
prohibited during the blanking time (tB). After the
blanking time, the controller finds the first valley within
the duration of the valley detection window time (tW)
(case A, B, and C). If no valley is found in tW, the
internal SenseFET is forced to turn on at the end of t
B
W
(case
D).
Therefore,
FSQ510,
FSQ510H,
and
FSQ510M have minimum switching frequency of
94.3kHz and maximum switching frequency of 132kHz,
typically, as shown in Figure 20.
Tsmax=10.6µs
Ts
max=10.6µs
tB=7.6µs
Ts_A
tB=7.6µs
Ts_B
tB=7.6µs
Ts_C
I
DS
I
DS
I
DS
I
DS
IDS
I
DS
I
DS
Ids
tB=7.6µs
A
B
C
D
tW=3µs
Figure 19. Advanced VS Operation
94.3kHz
132kHz
104kHz
Bur st
mode
Con stant
frequ ency
D
C
B
A
P
o
When the resonant period is 2µs
Figure 20. Switching Frequency Range of the
Advanced Valley Switching


Similar Part No. - FSD210DH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSD210DH FAIRCHILD-FSD210DH Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSD210DH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0365_0709 FAIRCHILD-FSQ0365_0709 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com