Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBF10CH60BTL Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSBF10CH60BTL
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBF10CH60BTL Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSBF10CH60BTL Datasheet HTML 1Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 2Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 3Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 4Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 5Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 6Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 7Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 8Page - Fairchild Semiconductor FSBF10CH60BTL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.fairchildsemi.com
FSBF10CH60BTL Rev. C
Integrated Power Functions
• 600V-10A IGBT inverter for three-phase DC/AC power conversion (Please refer to Figure 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side IGBTs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figures 12 and 13.
• For inverter low-side IGBTs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to UV (Low-side supply) and SC faults
• Input interface: 3.3/5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
Top View


Similar Part No. - FSBF10CH60BTL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBF10CH60BTL FAIRCHILD-FSBF10CH60BTL_08 Datasheet
700Kb / 17P
   Smart Power Module
More results

Similar Description - FSBF10CH60BTL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com