Part Name
         Description
FDS8876_07

 N-Channel PowerTrench® MOSFET 30V, 12.5A, 8.2mΩ ( 12 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 1 page
background image
tm
April 2007
©2007 Fairchild Semiconductor Corporation
FDS8876 Rev. B
www.fairchildsemi.com
1
FDS8876
N-Channel PowerTrench® MOSFET
30V, 12.5A, 8.2m
Features
rDS(on) = 8.2mΩ, VGS = 10V, ID = 12.5A
rDS(on) = 10.2mΩ, VGS = 4.5V, ID = 11.4A
High performance trench technology for extremely low
rDS(on)
Low gate charge
High power and current handling capability
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(on) and fast switching speed.
Applications
DC/DC converters
SO-8
Branding Dash
1
5
2
3
4
4
3
2
1
5
6
7
8



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FDC855NSingle N-Channel Logic Level PowerTrench® MOSFET 30V 6.1A 27mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMS8680N-Channel PowerTrench® MOSFET 30V 35A 7.0mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMS8662N-Channel PowerTrench® MOSFET 30V 49A 2.0mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMS8674_08N-Channel PowerTrench® MOSFET 30V 21A 5.0mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDD8880_08N-Channel PowerTrench® MOSFET 30V 58A 9mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMS9620SDual N-Channel PowerTrench® MOSFET Q1: 30V 16A 21.5mΩ Q2: 30V 18A 13mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDM6296_07Single N-Channel Logic-Level PowerTrench® MOSFET 30V 11.5A 10.5mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMA430NZ_0609Single N-Channel 2.5V Specified PowerTrench® MOSFET 30V 5.0A 40mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDMB3800N_0610Dual N-Channel PowerTrench® MOSFET 30V 4.8A 40mΩ 1 2 3 4 5 MoreFairchild Semiconductor
FDP032N08N-Channel PowerTrench® MOSFET 75V 235A 3.2mΩ 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl