Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP150N10 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP150N10
Description  N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP150N10 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP150N10 Datasheet HTML 1Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 2Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 3Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 4Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 5Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 6Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 7Page - Fairchild Semiconductor FDP150N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDP150N10 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
10
100
0.02
*Notes:
1. 250µs Pulse Test
2. TC = 25
o
C
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
500
2
345678
1
10
100
1000
25
o
C
-55
o
C
150
o
C
*Notes:
1. VDS = 20V
2. 250µs Pulse Test
VGS,Gate-Source Voltage[V]
0.20.4
0.60.8
1.01.2
1.41.6
1
10
100
*Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
500
0
100
200
300
5
10
15
20
25
30
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0
102030405060
0
2
4
6
8
10
*Note: ID = 49A
VDS = 25V
VDS = 50V
VDS = 80V
Qg, Total Gate Charge [nC]
0.1
1
10
0
1000
2000
3000
4000
5000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30


Similar Part No. - FDP150N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP150N10 ISC-FDP150N10 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP150N10A FAIRCHILD-FDP150N10A Datasheet
321Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 50A, 15m廓
logo
Inchange Semiconductor ...
FDP150N10A ISC-FDP150N10A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com