Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFA2100 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSFA2100
Description  Power Switch (FPS?? for Half-Bridge PWM Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFA2100 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSFA2100 Datasheet HTML 6Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 7Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 8Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 9Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 10Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 11Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 12Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 13Page - Fairchild Semiconductor FSFA2100 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFA2100 • Rev. 1.0.0
10
Functional Description
1. Internal Oscillator
: FSFA2100 employs a current-
controlled oscillator as shown in Figure 17. Internally, the
voltage of the RT pin is regulated at 2V and the
charging/discharging current for the oscillator capacitor
CT is determined by the current flowing out of the RT pin
(ICTC). When the RT pin is pulled down to the ground with
a resistor RSET, the switching frequency is fixed as:
)
(
100
27
kHz
R
k
f
SET
S
×
Ω
=
(1)
Figure 17. Current Controlled Oscillator
2. PWM Control
: Figure 18 shows the typical control
circuit configuration. The opto-coupler transistor should
be connected to the VFB pin in parallel with the feedback
capacitor to control the duty cycle.
Figure 18. PWM Control Configuration
Figure 19 shows the internal block diagram for PWM
operation. Duty cycle is controlled by comparing the
feedback voltage to the triangular signal with a range
from 1V to 3V.
Figure 19. Internal PWM Block Diagram
3. Protection Circuits
: The FSFA2100 has Overload
Protection (OLP), Abnormal Over-Current Protection
(AOCP), Over-Voltage Protection (OVP), and Thermal
Shutdown (TSD) self-protective functions. The OLP and
OVP are auto-restart mode protections, while the AOCP and
TSD are latch-mode protections, as shown in Figure 20.
Auto-restart mode protection:
Once the fault condition is
detected, the switching is terminated and the MOSFETs
remain off. When LVCC falls down to LVCC stop voltage of
around 11V, the protection is reset. The FPS resumes
normal operation when LVCC reaches the start voltage of
about 14V.
Latch-mode protection:
Once this protection is triggered,
the switching is terminated and the MOSFETs remain
off. The latch is reset only when LVCC is discharged
below 5V.
Figure 20. Protection blocks
Low-side MOSFET current should be sensed for Pulse-
by-pulse current limit and AOCP. The FSFA2100 senses
drain current as a negative voltage, as shown in Figure
21 and Figure 22. Half-wave sensing allows low-power
dissipation in the sensing resistor, while full-wave
sensing has less noise in the sensing signal.


Similar Part No. - FSFA2100

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF03B60 NIEC-FSF03B60 Datasheet
175Kb / 1P
   FRED
logo
National Instruments Co...
FSF03B60 NI-FSF03B60_15 Datasheet
175Kb / 1P
   FRED
logo
Nihon Inter Electronics...
FSF03D60 NIEC-FSF03D60 Datasheet
178Kb / 1P
   FRED
logo
National Instruments Co...
FSF03D60 NI-FSF03D60_15 Datasheet
173Kb / 1P
   FRED
logo
Kyocera Kinseki Corpota...
FSF03F60 KSS-FSF03F60 Datasheet
784Kb / 5P
   Fast Recovery Diode
More results

Similar Description - FSFA2100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100U FAIRCHILD-FSFR2100U_10 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
AN-4153 FAIRCHILD-AN-4153 Datasheet
903Kb / 16P
   Designing Asymmetric PWM Half-Bridge Converters
logo
STMicroelectronics
L6591 STMICROELECTRONICS-L6591 Datasheet
580Kb / 32P
   PWM controller for ZVS half-bridge
logo
Fairchild Semiconductor
KA5S FAIRCHILD-KA5S_03 Datasheet
213Kb / 16P
   Power Switch(FPS)
KA1M0880D FAIRCHILD-KA1M0880D Datasheet
114Kb / 10P
   Power Switch(FPS)
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com