Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP10N60C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP10N60C
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP10N60C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP10N60C Datasheet HTML 1Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 8Page - Fairchild Semiconductor FQP10N60C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQP10N60C / FQPF10N60C Rev. C
April 2007
QFET
®
FQP10N60C / FQPF10N60C
600V N-Channel MOSFET
Features
• 9.5A, 600V, RDS(on) = 0.73Ω @VGS = 10 V
• Low gate charge ( typical 44 nC)
• Low Crss ( typical 18 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
ciency switched mode power supplies, active power factor cor-
rection, electronic lamp ballasts based on half bridge topology.
Absolute Maximum Ratings
* Drain current limited by maximum junction temperature.
Thermal Characteristics
TO-220
FQP Series
GS
D
TO-220F
FQPF Series
GS
D
D
G
S
Symbol
Parameter
FQP10N60C
FQPF10N60C
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
9.5
9.5 *
A
- Continuous (TC = 100°C)
5.7
5.7 *
A
IDM
Drain Current
- Pulsed
(Note 1)
38
38 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
700
mJ
IAR
Avalanche Current
(Note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
156
50
W
- Derate above 25°C
1.25
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP10N60C
FQPF10N60C
Units
RθJC
Thermal Resistance, Junction-to-Case
0.8
2.5
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
62.5
°C/W


Similar Part No. - FQP10N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
835Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP10N60C KERSEMI-FQP10N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP10N60C ISC-FQP10N60C Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP10N60CF FAIRCHILD-FQP10N60CF Datasheet
934Kb / 10P
   600V N-Channel MOSFET
More results

Similar Description - FQP10N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com