Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5N50 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDD5N50
Description  N-Channel MOSFET 500V, 4A, 1.4廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDD5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDD5N50 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
L
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
LL
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDD5N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results

Similar Description - FDD5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com