Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCAS20DN60BB Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FCAS20DN60BB
Description  Smart Power Module for SRM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCAS20DN60BB Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FCAS20DN60BB Datasheet HTML 6Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 7Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 8Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 9Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 10Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 11Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 12Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 13Page - Fairchild Semiconductor FCAS20DN60BB Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.fairchildsemi.com
FCAS20DN60BB Rev. A
Note:
5. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme used in the application and the wiring impedance of the application’s
printed circuit board. The input signal section integrates 3.3k
Ω(typ.) pull-down resistor. Therefore, when using an external filtering resistor, please pay attention to the signal
voltage drop at input terminal.
6. The logic input is compatible with standard CMOS or LSTTL outputs.
Figure 10. Recommended CPU I/O Interface Circuit
Note:
1) The ceramic capacitor placed between VCC-COM should be over 1uF and mounted as close to the pins of the SPM as possible.
Figure 11. Recommended Bootstrap Operation Circuit and Parameters
CPU
COM
5V-Line
1nF
Ω
4.7k
VFO
Ω
100
1nF
SRM Module
R
PF=
C
PF=
IN
(H)
IN
(L)
15V-Line
18uF
0.1uF
1000uF
1uF
SRM module
Output
P
N
This Value depend on PWM Control Algorithm
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
V
SL


Similar Part No. - FCAS20DN60BB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
More results

Similar Description - FCAS20DN60BB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCAS30DN60BB FAIRCHILD-FCAS30DN60BB Datasheet
384Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com