Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4012A Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4012A
Description  Wide Input 1.5A Step Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4012A Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4012A Datasheet HTML 2Page - Active-Semi, Inc ACT4012A Datasheet HTML 3Page - Active-Semi, Inc ACT4012A Datasheet HTML 4Page - Active-Semi, Inc ACT4012A Datasheet HTML 5Page - Active-Semi, Inc ACT4012A Datasheet HTML 6Page - Active-Semi, Inc ACT4012A Datasheet HTML 7Page - Active-Semi, Inc ACT4012A Datasheet HTML 8Page - Active-Semi, Inc ACT4012A Datasheet HTML 9Page - Active-Semi, Inc ACT4012A Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACT4012A
Rev0, 16-May-08
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
STABILITY COMPENSATION
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 3.4 / (VOUTCOUT). Therefore:
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output ca-
pacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 2 shows some calculated results based on
the compensation method above.
Table 2:
Typical Compensation for Different Output
Voltages and Output Capacitors
VOUT
COUT
RCOMP
CCOMP CCOMP2
2.5V
22µF Ceramic
12kΩ
1.5nF
None
3.3V
22µF Ceramic
15kΩ
1.5nF
None
5V
22µF Ceramic
15kΩ
1.5nF
None
2.5V
47µF SP CAP
15kΩ
1.5nF
None
3.3V
47µF SP CAP
15kΩ
1.8nF
None
5V
47µF SP CAP
15kΩ
2.7nF
None
2.5V
470µF/6.3V/30mΩ
15kΩ
15nF
1nF
3.3V
470µF/6.3V/30mΩ
15kΩ
22nF
1nF
5V
470µF/6.3V/30mΩ
15kΩ
27nF
None
: CCOMP2 is needed for high ESR output capacitor.
Figure 3 shows an example ACT4012A application circuit gener-
ating a 5V/1.5A output.
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
(13)
Figure 2:
Stability Compensation
(10)
(F)
COMP
5
COMP
R
10
8
.
1
C
×
=
(11)
(F)
OUT
OUT
5
COMP
C
V
10
2
.
1
C
×
=
: CCOMP2 is needed only for high ESR output capacitor
The feedback system of the IC is stabilized by the
components at the COMP pin, as shown in Figure 2.
The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
Follow the following steps to compensate the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
The first zero Z1 is due to RCOMP and CCOMP:
The second pole P2 is the output pole:
COMP2
COMP
3
P
C
R
π
2
1
f
=
(8)
(Ω)
(9)
V
3
.
1
G
G
10
f
C
V
π
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
OUT
OUT
8
C
V
10
2
×
=
(4)
COMP
VEA
OUT
VDC
G
A
I
V
3
.
1
A
=
(5)
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(6)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(12)
(Ω)
⎟⎟
⎜⎜
×
×
OUT
OUT
6
ESRCOUT
V
012
.
0
,
C
10
1
.
1
Min
R
(7)
COMP2
COMP
1
Z
C
R
π
2
1
f
=
CCOMP2
CCOMP
RCOMP
ACT4012A
COMP
1


Similar Part No. - ACT4012A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH-T ACTIVE-SEMI-ACT4012ASH-T Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
More results

Similar Description - ACT4012A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
   Wide Input 3A Step Down Converter
Rev 0, 12/2006
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
   WIDE INPUT 3A STEP-DOWN CONVERTER
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com