Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS5352 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS5352
Description  N-Channel Power Trench짰 MOSFET 60V, 49A, 6.7m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS5352 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS5352 Datasheet HTML 1Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 2Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 3Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 4Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 5Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 6Page - Fairchild Semiconductor FDMS5352 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
©2008 Fairchild Semiconductor Corporation
FDMS5352 Rev.C
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
57
mV/°C
IDSS
Zero Gate Voltage Drain Current
VGS = 0V, VDS = 48V,
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.0
1.8
3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-6.6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 13.6A
5.6
6.7
m
VGS = 4.5V, ID = 12.3A
6.7
8.2
VGS = 10V, ID = 13.6A, TJ = 125°C
9.7
11.6
gFS
Forward Transconductance
VDD = 5V, ID = 13.6A
76
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 30V, VGS = 0V,
f = 1MHz
5220
6940
pF
Coss
Output Capacitance
410
545
pF
Crss
Reverse Transfer Capacitance
225
335
pF
Rg
Gate Resistance
f = 1MHz
1.3
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 30V, ID = 13.6A,
VGS = 10V, RGEN = 6Ω
19
34
ns
tr
Rise Time
11
21
ns
td(off)
Turn-Off Delay Time
58
93
ns
tf
Fall Time
7
15
ns
Qg
Total Gate Charge
VGS=0Vto10V
VDD = 30V,
ID = 13.6A
93
131
nC
Qg
Total Gate Charge
VGS = 0V to 5V
48
67
nC
Qgs
Gate to Source Charge
14
nC
Qgd
Gate to Drain “Miller” Charge
17
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 13.6A
(Note 2)
0.8
1.3
V
VGS = 0V, IS = 2.1A
(Note 2)
0.7
1.2
trr
Reverse Recovery Time
IF = 13.6A, di/dt = 100A/µs
39
63
ns
Qrr
Reverse Recovery Charge
48
77
nC
NOTES:
1. RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. Starting TJ = 25°C, L = 3mH, IAS = 20A, VDD = 60V, VGS = 10V
a. 50°C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 125°C/W when mounted on a
minimum pad of 2 oz copper.


Similar Part No. - FDMS5352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMS5360L_F085 FAIRCHILD-FDMS5360L_F085 Datasheet
503Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5361L-F085 ONSEMI-FDMS5361L-F085 Datasheet
449Kb / 6P
   N-Channel PowerTrench짰 MOSFET
July-2017, Rev. 3
logo
Fairchild Semiconductor
FDMS5362L_F085 FAIRCHILD-FDMS5362L_F085 Datasheet
481Kb / 6P
   N-Channel Power Trench짰 MOSFET
More results

Similar Description - FDMS5352

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8460 FAIRCHILD-FDMS8460 Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 49A, 2.2m廓
FDMS3500 FAIRCHILD-FDMS3500 Datasheet
294Kb / 7P
   N-Channel Power Trench짰 MOSFET 75V, 49A, 14.5m廓
FDMS3662 FAIRCHILD-FDMS3662 Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100V, 49A, 14.8m廓
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
   N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
FDB9403-F085 FAIRCHILD-FDB9403-F085 Datasheet
484Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
FDB3502 FAIRCHILD-FDB3502 Datasheet
329Kb / 6P
   N-Channel Power Trench짰 MOSFET 75V, 14A, 47m廓
logo
ON Semiconductor
FDD120AN15A0-F085 ONSEMI-FDD120AN15A0-F085 Datasheet
447Kb / 7P
   N-Channel Power Trench짰 MOSFET 150V, 14A, 120m廓
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com