Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2163 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF2163
Description  Full Function Load Switch with Adjustable Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2163 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF2163 Datasheet HTML 1Page - Fairchild Semiconductor FPF2163 Datasheet HTML 2Page - Fairchild Semiconductor FPF2163 Datasheet HTML 3Page - Fairchild Semiconductor FPF2163 Datasheet HTML 4Page - Fairchild Semiconductor FPF2163 Datasheet HTML 5Page - Fairchild Semiconductor FPF2163 Datasheet HTML 6Page - Fairchild Semiconductor FPF2163 Datasheet HTML 7Page - Fairchild Semiconductor FPF2163 Datasheet HTML 8Page - Fairchild Semiconductor FPF2163 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FPF2163/4/5 Rev. D
Electrical Characteristics Cont.
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz copper board.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
ON Input Logic Low Voltage
VIL
VIN = 1.8V
0.5
V
VIN = 5.5V
1
ON Input Leakage
VON = VIN or GND
-1
1
µA
VIN Shutdown Current
VON = 0V, VIN = 5.5V,
VOUT = short to GND
-2
2
µA
FLAGB Output Logic Low Voltage
VIN = 5V, ISINK = 10mA
0.05
0.2
V
VIN = 1.8V, ISINK = 10mA
0.12
0.3
FLAGB Output High Leakage Current
VIN = 5V, Switch on
1
µA
Reverse Block
VOUT Shutdown Current
VON = 0V, VOUT = 5.5V,
VIN = short to GND
-2
2
µA
Protections
Current Limit
ILIM
VIN = 3.3V, VOUT = 3.0V, RSET = 345Ω
600
800
1000
mA
Min. Current Limit
ILIM(min.)
VIN = 3.3V, VOUT = 3.0V
150
mA
Thermal Shutdown
Shutdown Threshold
140
°C
Return from Shutdown
130
Hysteresis
10
Under Voltage Shutdown
UVLO
VIN Increasing
1.55
1.65
1.75
V
Under Voltage Shutdown Hysteresis
50
mV
Dynamic
Turn on time
tDR
RL = 500Ω, CL = 0.1µF
25
µs
Turn off time
tDF
RL = 500Ω, CL = 0.1µF
45
µs
VOUT Rise Time
tRISE
RL = 500Ω, CL = 0.1µF
10
µs
VOUT Fall Time
tFALL
RL = 500Ω, CL = 0.1µF
110
µs
Over Current Blanking Time
tBLANK
FPF2163, FPF2164
15
30
60
ms
Auto-Restart Time
tRSTRT
FPF2163
225
450
900
ms
Short Circuit Response Time
VIN = VOUT = 3.3V. Moderate
Over-Current Condition.
5µs
VIN = VOUT = 3.3V. Hard Short.
30
ns


Similar Part No. - FPF2163

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
More results

Similar Description - FPF2163

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
   Load Switch IC with Current Limit function
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com