Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2100 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FPF2100
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2100 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FPF2100_08 Datasheet HTML 4Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 5Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 6Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 7Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 8Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 9Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 10Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 11Page - Fairchild Semiconductor FPF2100_08 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Description of Operation
The FPF2100-FPF2107 are current limited switches that protect
systems and loads which can be damaged or disrupted by the
application of high currents. The core of each device is a
0.125Ω P-channel MOSFET and a controller capable of
functioning over a wide input operating range of 1.8-5.5V. The
controller protects against system malfunctions through current
limiting, under-voltage lockout and thermal shutdown. The
current limit is preset for either 200mA or 400mA.
On/Off Control
The ON pin controls the state of the switch. Active HI and LO
versions are available. Refer to the Ordering Information for
details. Activating ON continuously holds the switch in the on
state so long as there is no fault. For all versions, an under-
voltage on VIN or a junction temperature in excess of 150°C
overrides the ON control to turn off the switch. In addition,
excessive currents will cause the switch to turn off in FPF2100-
FPF2102 and FPF2104-FPF2107. The FPF2100, FPF2101,
FPF2104 and FPF2105 have an Auto-Restart feature which will
automatically turn the switch on again after 160ms. For the
FPF2102 and FPF2106, the ON pin must be toggled to turn-on
the switch again. The FPF2103 and FPF2107 do not turn off in
response to a over current condition but instead remain
operating in a constant current mode so long as ON is active
and the thermal shutdown or under-voltage lockout have not
activated.
Fault Reporting
Upon the detection of an over-current, an input under-voltage,
or an over-temperature condition, the FLAGB signals the fault
mode by activating LO. For the FPF2100-FPF2102 and
FPF2104-FPF2106, the FLAGB goes LO at the end of the
blanking time while FLAGB goes LO immediately for the
FPF2103 and FPF2107. FLAGB remains LO through the Auto-
Restart Time for the FPF2100, FPF2101 FPF2104 and
FPF2105. For the FPF2102 and FPF2106, FLAGB is latched
LO and ON must be toggled to release it.With the FPF2103 and
FPF2107, FLAGB is LO during the faults and immediately
returns HI at the end of the fault condition. FLAGB is an open-
drain MOSFET which requires a pull-up resistor between VIN
and FLAGB. During shutdown, the pull-down on FLAGB is
disabled to reduce current draw from the supply.
Current Limiting
The current limit ensures that the current through the switch
doesn't exceed a maximum value while not limiting at less than
a minimum value. For the FPF2100-FPF2103 the minimum
current is 200mA and the maximum current is 400mA and for
the FPF2104-FPF2107 the minimum current is 400mA and the
maximum current is 800mA. The FPF2100-FPF2103 have a
blanking time of 10ms, nominally, during which the switch will
act as a constant current source. At the end of the blanking
time, the switch will be turned-off and the FLAGB pin will
activate to indicate that current limiting has occurred. The
FPF2103 and FPF2107 have no current limit blanking period so
immediately upon a current limit condition FLAGB is activated.
These parts will remain in a constant current state until the ON
pin is deactivated or the thermal shutdown turns-off the switch.
Reverse Voltage
If the voltage at the VOUT pin is larger than the VIN pin, large
currents may flow and can cause permanent damage to the
device. FPF2100-FPF2107 is designed to control current flow
from VIN to VOUT.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input
voltage drops below the under-voltage lockout threshold. With
the ON pin active the input voltage rising above the under-
voltage lockout threshold will cause a controlled turn on of the
switch which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the part from internally or
externally generated excessive temperatures. During an over-
temperature condition the FLAGB is activated and the switch is
turned-off. The switch automatically turns-on again if the
temperature of the die drops below the threshold temperature.


Similar Part No. - FPF2100_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
More results

Similar Description - FPF2100_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com