Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2000 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FPF2000
Description  IntelliMAX??Advanced Load Management Products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2000 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FPF2000 Datasheet HTML 1Page - Fairchild Semiconductor FPF2000 Datasheet HTML 2Page - Fairchild Semiconductor FPF2000 Datasheet HTML 3Page - Fairchild Semiconductor FPF2000 Datasheet HTML 4Page - Fairchild Semiconductor FPF2000 Datasheet HTML 5Page - Fairchild Semiconductor FPF2000 Datasheet HTML 6Page - Fairchild Semiconductor FPF2000 Datasheet HTML 7Page - Fairchild Semiconductor FPF2000 Datasheet HTML 8Page - Fairchild Semiconductor FPF2000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
FPF2000-FPF2007 Rev. E
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Parameter
Min
Max
Unit
VIN, VOUT, ON, FLAGB to GND
-0.3
6
V
Power Dissipation @ TA = 25°C (note 1)
250
mW
Operating Junction Temperature
-40
125
°C
Storage Temperature
-65
150
°C
Thermal Resistance, Junction to Ambient
400
°C/W
Electrostatic Discharge Protection
HBM
4000
V
MM
400
V
Parameter
Min
Max
Unit
VIN
1.8
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Basic Operation
Operating Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
IOUT = 0mA
VIN = 1.8 to 3.3V
60
µA
VON active
VIN = 3.3 to 5.5V
100
Shutdown Current
ISHDN
1µA
Latch-Off Current (note 2)
ILATCHOFF
VON = VIN, after an overcurrent fault
40
µA
On-Resistance
RON
TA = 25°C, IOUT = 20mA
0.7
1
TA = -40 to +85°C, IOUT = 20mA
0.85
ON Input Logic High Voltage
VIH
VIN = 1.8V
0.8
V
VIN = 5.5V
1.5
ON Input Logic Low Voltage
VIL
VIN = 1.8V
0.5
V
VIN = 5.5V
0.9
ON Input Leakage
VON = VIN or GND
1
µA
Off Switch Leakage
ISWOFF
VON = 0V, VOUT = 0V
@ VIN = 5.5V, TA = 85°C
1µA
VON = 0V, VOUT = 0V
@ VIN = 3.3V, TA = 25°C
10
100
nA
FLAGB Output Logic Low Voltage
VIN = 5V, ISINK = 10mA
0.1
0.2
V
VIN = 1.8V, ISINK = 10mA
0.1
0.3
FLAGB Output High Leakage Current
VIN = 5V, Switch on
1
µA
Protections
Current Limit
ILIM
VIN = 3.3V,
VOUT = 3.0V
FPF2000, FPF2001,
FPF2002, FPF2003
50
75
100
mA
FPF2004, FPF2005,
FPF2006, FPF2007
100
150
200
Thermal Shutdown
Shutdown Threshold
140
°C
Return from Shutdown
130
Hysteresis
10


Similar Part No. - FPF2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000_05 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com