Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80NF55-08-1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB80NF55-08-1
Description  N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08-1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB80NF55-08-1 Datasheet HTML 3Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 4Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 5Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 6Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 7Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 8Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 9Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 10Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STB80NF55-08/-1 STP80NF55-08
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2002 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - STB80NF55-08-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB80NF55-08AG STMICROELECTRONICS-STB80NF55-08AG Datasheet
1,008Kb / 18P
   Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFETTM Power MOSFETs in D²PAK and TO-220 packages
September 2016 Rev 1
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
More results

Similar Description - STB80NF55-08-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
   N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com