Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80NF55-08-1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB80NF55-08-1
Description  N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08-1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB80NF55-08-1 Datasheet HTML 3Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 4Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 5Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 6Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 7Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 8Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 9Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 10Page - STMicroelectronics STB80NF55-08-1 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
STB80NF55-08/-1 STP80NF55-08
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.028
0.037
B2
1.14
1.7
0.045
0.067
C
0.45
0.6
0.018
0.024
C2
1.21
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.394
0.409
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.591
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.069
M
2.4
3.2
0.094
0.126
R
0.4
0.016
V2
D2PAK MECHANICAL DATA


Similar Part No. - STB80NF55-08-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB80NF55-08AG STMICROELECTRONICS-STB80NF55-08AG Datasheet
1,008Kb / 18P
   Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFETTM Power MOSFETs in D²PAK and TO-220 packages
September 2016 Rev 1
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
More results

Similar Description - STB80NF55-08-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
   N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com