Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1007 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FPF1007
Description  IntelliMAX??Advanced Load Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1007 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FPF1007 Datasheet HTML 1Page - Fairchild Semiconductor FPF1007 Datasheet HTML 2Page - Fairchild Semiconductor FPF1007 Datasheet HTML 3Page - Fairchild Semiconductor FPF1007 Datasheet HTML 4Page - Fairchild Semiconductor FPF1007 Datasheet HTML 5Page - Fairchild Semiconductor FPF1007 Datasheet HTML 6Page - Fairchild Semiconductor FPF1007 Datasheet HTML 7Page - Fairchild Semiconductor FPF1007 Datasheet HTML 8Page - Fairchild Semiconductor FPF1007 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FPF1007-FPF1009 Rev. B1
Pin Configuration
Pin Description
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.2 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Pin
Name
Function
4, 5
VOUT
Switch Output: Output of the power switch
2, 3
VIN
Supply Input: Input to the power switch and the supply voltage for the IC
6
GND
Ground
1
ON
ON/OFF Control Input
Parameter
Min.
Max.
Unit
VIN, VOUT, ON to GND
-0.3
6
V
Maximum Continuous Switch Current
1.5
A
Power Dissipation @ TA = 25°C (Note 1)
1.2
W
Storage Junction Temperature
-65
150
°C
Operating Temperature Range
-40
85
°C
Thermal Resistance, Junction to Ambient
86
°C/W
Electrostatic Discharge Protection
HBM
8000
V
CDM
2000
V
Parameter
Min.
Max.
Unit
VIN
1.2
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min. Typ. Max. Units
Basic Operation
Operating Voltage
VIN
1.2
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VIN = 3.3V, VON = Enabled
8
µA
IOUT = 0mA, VIN = 5.5V, VON = Enabled
15
Off Supply Current
IQ(off)
VON = GND, VOUT = OPEN
1
µA
Off Switch Current
ISD(off)
VON = GND, VOUT = GND
0.1
1
µA
VOUT
VOUT
ON
MicroFET 2x2 6L
BOTTOM VIEW
1
2
3
6
5
4
VIN
VIN
GND


Similar Part No. - FPF1007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF1007 ONSEMI-FPF1007 Datasheet
1Mb / 11P
   Advanced Load Products
October-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
More results

Similar Description - FPF1007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com