Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1005 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FPF1005
Description  IntelliMAXTM Advanced Load Management Products
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1005 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FPF1005 Datasheet HTML 1Page - Fairchild Semiconductor FPF1005 Datasheet HTML 2Page - Fairchild Semiconductor FPF1005 Datasheet HTML 3Page - Fairchild Semiconductor FPF1005 Datasheet HTML 4Page - Fairchild Semiconductor FPF1005 Datasheet HTML 5Page - Fairchild Semiconductor FPF1005 Datasheet HTML 6Page - Fairchild Semiconductor FPF1005 Datasheet HTML 7Page - Fairchild Semiconductor FPF1005 Datasheet HTML 8Page - Fairchild Semiconductor FPF1005 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FPF1005-FPF1006 Rev. G
Description of Operation
The FPF1005 & FPF1006 are low RDS(ON) P-Channel load
switches with controlled turn-on. The core of each device is a
55mΩ P-Channel MOSFET and a controller capable of
functioning over a wide input operating range of 1.2-5.5V. The
ON pin, an active HI TTL compatible input, controls the state of
the switch. The FPF1006 contains a 120Ω on-chip load resistor
for quick output discharge when the switch is turned off.
However, VOUT pin of FPF1006 should not be connected
directly to the battery source due to the discharge mechanism of
the load switch.
Application Information
Typical Application
Input Capacitor
To limit the voltage drop on the input supply caused by transient
in-rush currents when the switch turns-on into a discharged load
capacitor or short-circuit, a capacitor needs to be placed
between VIN and GND. A 1µF ceramic capacitor, CIN, placed
close to the pins is usually sufficient. Higher values of CIN can
be used to further reduce the voltage drop during higher current
application.
Output Capacitor
A 0.1µF capacitor, COUT, should be placed between VOUT and
GND. This capacitor will prevent parasitic board inductance
from forcing VOUT below GND when the switch turns-off. Due to
the integral body diode in the PMOS switch, a CIN greater than
COUT is highly recommended. A COUT greater than CIN can
cause VOUT to exceed VIN when the system supply is removed.
This could result in current flow through the body diode from
VOUT to VIN.
Board Layout
For best performance, all traces should be as short as possible.
To be most effective, the input and output capacitors should be
placed close to the device to minimize the effects that parasitic
trace inductances may have on normal and short-circuit
operation. Using wide traces or large copper planes for all pins
(VIN, VOUT, ON and GND) will help minimize the parasitic
electrical effects along with minimizing the case to ambient
thermal impedance.
OFF ON
ON
VIN
GND
FPF1005/6
VOUT
-
VIN = 3.3V
CIN
VON = 3.3V
RL
COUT


Similar Part No. - FPF1005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
logo
Fairchild Semiconductor
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
More results

Similar Description - FPF1005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF2500 FAIRCHILD-FPF2500 Datasheet
555Kb / 13P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com