Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM6403MTC20X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSM6403MTC20X
Description  Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSM6403MTC20X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSM6403MTC20X Datasheet HTML 2Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 9Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6403 • Rev. 1.0.4
6
Progressive Scan (PS) Electrical Specifications
TA=25°C, VI=1VPP, VCC=5.0V, FSEL0=1, FSEL1=0, 0dB_SEL=0 (gain=6dB), RSOURCE=37.5Ω; all inputs AC coupled with
0.1µF
; all outputs AC coupled with 220µF into 150Ω referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
PS Gain, 0dB_SEL=0
(4)
All Channels PS Mode
5.6
6.0
6.4
dB
AVPS
PS Gain, 0dB_SEL=1
(4)
All Channels PS Mode
-0.4
0
0.4
dB
f1dBPS
-1dB Bandwidth for PS
(4)
All Channels
10
15
MHz
fCPS
-3dB Bandwidth for PS
All Channels
17
MHz
fSBPS
Attenuation, PS (Stop-band
Reject)
(4)
All Channels at f=54MHz
40
48
dB
tpdPS
Propagation Delay for PS
Delay from Input to Output at 10MHz
45
ns
T1
SYNC to SYNC_IN Delay
10
ns
T2
SYNC_IN Minimum Pulse
Width
2
µs
Note
:
4.
100% tested at 25°C.
High-Definition Electrical Specifications
TA=25°C, VI=1VPP, VCC=5.0V, FSEL0=0, FSEL1=1, 0dB_SEL=0 (gain=6dB), RSOURCE=37.5Ω; all inputs AC coupled with
0.1µF
; all outputs AC coupled with 220µF into 150Ω referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
HD Gain, 0dB_SEL=0
(5)
All Channels HD Mode
5.6
6.0
6.4
dB
AVHD
HD Gain, 0dB_SEL=1
(5)
All Channels HD Mode
-0.4
0
0.4
dB
f1dBHD
-1dB Bandwidth for HD
(5)
All Channels
20
29
MHz
fCHD
-3dB Bandwidth for HD
All Channels
33
MHz
fSBHD
Attenuation, HD (Stop-band
Reject)
(5)
All Channels at f=74.25MHz
30
40
dB
tpdHD
Propagation Delay for HD
Delay from Input to Output at 20MHz
26
ns
T1
SYNC to SYNC_IN Delay
10
ns
T2
SYNC_IN Minimum Pulse
Width
1.5
µs
Note
:
5.
100% tested at 25°C.
Unfiltered 1080p Bypass (Wide Bandwidth) Electrical Specifications
TA=25°C, VI=1VPP, VCC=5.0V, FSEL0=1, FSEL1=1, 0dB_SEL=0 (gain=6dB), RSOURCE=37.5Ω; all inputs AC coupled with
0.1µF
; all outputs AC coupled with 220µF into 150Ω referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Gain, 0dB_SEL=0
(6)
All Channels Bypass Mode
5.6
6.0
6.4
dB
AVWB
Gain, 0dB_SEL=1
(6)
All Channels Bypass Mode
-0.4
0
0.4
dB
f1dBWB
-1dB Bandwidth
All Channels
63
MHz
fCWB
-3dB Bandwidth
All Channels
91
MHz
tpdWB
Propagation Delay
Delay from Input to Output at 20MHz
10
ns
Note
:
6.
100% tested at 25°C.


Similar Part No. - FSM6403MTC20X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSM6J MACOM-FSM6J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6J MACOM-FSM6J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JA MACOM-FSM6JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JA MACOM-FSM6JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JAA MACOM-FSM6JAA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM6403MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6407 FAIRCHILD-FMS6407_05 Datasheet
370Kb / 17P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com