Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164B61TCF Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC2164B61TCF
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164B61TCF Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC2164B61TCF Datasheet HTML 3Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 4Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 5Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 6Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 7Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 8Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 9Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 10Page - Torex Semiconductor XC2164B61TCF Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
XC2164
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.97
3.30
3.63
V
"H" Level Input Voltage
VIH
2.4
-
-
V
"L" Level Input Voltage
VIL
-
-
0.4
V
"H" Level Output Voltage
VOH
CMOS: 2.97V, IOH= - 8mA
2.5
-
-
V
"L" Level Output Voltage
VOL
CMOS: 2.97V, IOH=8mA
-
-
0.4
V
XC2164Ax1B, f0=30MHz
-
4.5
(7)
XC2164Ax1C, f0=40MHz
-
5.0
(8)
XC2164Ax1E, f0=70MHz
-
8.0
(13)
XC2164Ax1F, f0=85MHz
-
8.5
(13)
XC2164Ax1H, f0=100MHz
-
9.5
(15)
XC2164Ax1K, f0=110MHz
-
10.0
(15)
Supply Current 1
IDD1
/INH=Open,
Q0=Open
XC2164Ax1L, f0=125MHz
-
10.5
(15)
mA
Supply Current 2
IDD2
/INH="L", Q0=Open
-
2.0
-
μA
Input Pull-Up Resistance 1
RUP1
/INH="L"
1.0
2.0
4.0
M
Ω
Input Pull-Up Resistance 2
RUP2
/INH=0.7 VDD
35
70
140
k
Ω
XC2164Ax1B
-
6.5
-
XC2164Ax1C
-
5.0
-
XC2164Ax1E
-
2.8
-
XC2164Ax1F
-
2.5
-
XC2164Ax1H
-
2.2
-
XC2164Ax1K
-
2.0
-
Internal Oscillation
Feedback Resistance
Rf
XC2164Ax1L
-
2.3
-
k
Ω
Output Disable
Leak Current
IOZ
/INH="L"
-
-
10
μA
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.70
3.30
3.63
V
'H' Level Input Voltage
VIH
2.4
-
-
V
'L' Level Input Voltage
VIL
-
-
0.4
V
'H' Level Output Voltage
VOH
CMOS: 2.97V, IOH= - 8mA
2.5
-
-
V
'L' Level Output Voltage
VOL
CMOS: 2.97V, IOH=8mA
-
-
0.4
V
Supply Current 1
IDD1
/INH=Open,
Q0=Open
XC2164Ax1D,
f0=55MHz
-
6.5
(10)
mA
Supply Current 2
IDD2
/INH = 'L', Q0=Open
-
2.0
-
μA
Input Pull-Up Resistance 1
RUP1
/INH = 'L'
1.0
2.0
4.0
M
Ω
Input Pull-Up Resistance 2
RUP2
/INH = 0.7VDD
35
70
140
k
Ω
Internal Oscillation
Feedback Resistance
Rf
XC2164Ax1D
-
3.5
-
k
Ω
Output Disable Leak
Current
IOZ
/INH = 'L'
-
-
10
μA
XC2164Ax1D (3rd Overtone)
3.3V Operation (Unless otherwise stated, VDD=3.3V, Oscillation Frequency f0=48MHz, Ta= -30~+80
℃)
3.3V Operation (unless otherwise stated, VDD=3.3V, No Load, Ta= -30~+80
℃)
XC2164Ax1B, C, E, F, H, K, L (3rd Overtone)
■ ELECTRICAL CHARACTERISTICS (Continued)
●DC Electrical Characteristics (Continued)


Similar Part No. - XC2164B61TCF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164B51 TOREX-XC2164B51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164B61TCF

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com