Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6203MTC1406X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMS6203MTC1406X
Description  Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6203MTC1406X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FMS6203MTC1406X Datasheet HTML 1Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 2Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 3Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 4Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 5Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 6Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 7Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 8Page - Fairchild Semiconductor FMS6203MTC1406X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6203 Rev. 1.0.3
6
Bypass Mode Electrical Characteristics
TA = 25°C, VIN = 1Vpp, Vcc = 5V, Rsource = 37.5Ω, all inputs AC coupled with 0.1μF, all outputs AC coupled with 220μF
into 150
Ω loads, referenced to 400kHz, all gain options; unless otherwise noted.
Notes:
1. 100% tested at 25°C.
2. SNR = 20 * log (714mV / rms noise).
Frequency Select Truth Table
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AVBP
Channel Gain Error(1)
DC
-0.4
0
0.4
dB
f1dBBP
-1dB Bandwidth
90
MHz
fcBP
-3dB Bandwidth
115
MHz
THD
Total Harmonic Distor-
tion, Output
VOUT = 0.7Vpp, 22MHz, 0dB, 10kΩ load
0.3
%
VOUT = 1.4Vpp, 22MHz, 6dB, 150Ω load
0.25
%
XTALKBP Crosstalk (ch-to-ch)
1MHz
-74
dB
30MHz
-64
dB
SNR
Signal-to-Noise Ratio(2) Unweighted, 100kHz to 30MHz
70
dB
FSEL1
FSEL0
Filter Frequency
Video Format
Sync Format
0
0
8MHz
SD,480i
Bi-level, 4.7
μs pulse width
0
1
16MHz
PS,480p
Bi-level, 2.35
μs pulse width
1
0
32MHz
HD,1080i,720p
Tri-level, 589ns pulse width
1
1
Bypass


Similar Part No. - FMS6203MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203MTC1406X FAIRCHILD-FMS6203MTC1406X Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203MTC1406X FAIRCHILD-FMS6203MTC1406X Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203MTC1406X ONSEMI-FMS6203MTC1406X Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
More results

Similar Description - FMS6203MTC1406X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
   Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com