Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6403 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FMS6403
Description  Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6403 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FMS6403_08 Datasheet HTML 6Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 7Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 8Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 9Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 10Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 11Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 12Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 13Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6403 • Rev. 1.0.4
11
Table 1. Sync Timings
Format
Refresh
Sample
Rate
Period (T)
A
B
C
H-Rate
480i
30Hz
13.5MHz
74ns
20T=1.5µs
64T=4.7µs
61T=4.5µs
15.75kHz
480p
60Hz
27 MHz
37ns
20T=750ns
64T=2.35µs
61T=2.25µs
31.5kHz
720p
60Hz
74.25 MHz
13.4ns
70T=938ns
40T=536ns
220T=2.95ns
45kHz
1080i
30Hz
74.25 MHz
13.4ns
20T=589ns
44T=589ns
148T=1.98ns
33.75kHz
1080p
60Hz
148.5 MHz
6.7ns
20T=596ns
44T=296ns
148T=996ns
67.5kHz
Note
:
10. Timing values are approximate for 30Hz/60Hz refresh rates.
Table 2. Filter Settings
FSEL1, Pin 10
FSEL0, Pin 9
Filter -3db Frequency
Video Format
Sync Format
0
0
8MHz
SD, 480i
Bi-level, 4.7µs pulse width
0
1
15MHz
PS, 480p
Bi-level, 2.35µs pulse width
1
0
32MHz
HD, 1080i, 720p
Tri-level, 589ns pulse width
1
1
Filter Bypass
Unfiltered 1080p
Tri-level, 290ns pulse width
Table 3. Gain Settings Tables
0dB_SEL, Pin 13
Gain (dB)
VIN/
(11)
VOUT
(11)
0
6
1VPP
2VPP
1
0
1VPP
1VPP
Note
:
11. Video level does not include damp voltage, which offsets the input above ground.
Table 4. Sync Settings
EXT_SYNC, Pin 1
Sync Source
0
Y/G Input, Pin 3/4
1
SYNC_IN Input, Pin 2
Table 5. Clamp Settings
RGB_SEL, Pin 2
Input
Output
Clamp Voltage
Y1, Pin 3
Y, Pin 16
250mV
Pb1, Pin 5
Pb, Pin 15
1.125V
0
Pr1, Pin 7
Pr, Pin 14
1.125V
G1, Pin 3
G, Pin 16
250mV
B1, Pin 5
B, Pin 15
250mV
1
R1, Pin 7
R, Pin 14
250mV


Similar Part No. - FMS6403_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
More results

Similar Description - FMS6403_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6407 FAIRCHILD-FMS6407_05 Datasheet
370Kb / 17P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com