Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6403 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS6403
Description  Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6403 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6403_08 Datasheet HTML 1Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 2Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 3Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 4Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 5Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 6Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 7Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 8Page - Fairchild Semiconductor FMS6403_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6403 • Rev. 1.0.4
5
DC Electrical Specifications
TA=25°C, VI=1VPP, VCC=5.0V; all inputs AC coupled with 0.1µF; all outputs AC coupled into 150Ω; referenced to
400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ICC
Supply Current
(2)
VCC, no load
90
130
mA
VI
Input Voltage Maximum
1.5
VPP
VIL
Digital Input Low
(2)
FSELO, FSEL1, RGB_SEL, 0dB_SEL,
EXT_SYNC, IN2_SEL, SYNC_IN
0
0.8
V
VIH
Digital Input High
(2)
FSELO, FSEL1, RGB_SEL, 0dB_SEL,
EXT_SYNC, IN2_SEL, SYNC_IN
2.4
VCC
V
VCLAMP1
Output Clamp Voltage
R,G,B,Y
250
mV
VCLAMP2
Output Clamp Voltage
Pb and Pr
1.125
V
PSRR
Power Supply Rejection Ratio
DC, All Channels
-40
dB
Note
:
2.
100% tested at 25°C.
Standard-Definition Electrical Specifications
TA=25°C, VI=1VPP, VCC=5.0V, FSEL0=0, FSEL1=0, 0dB_SEL=0 (gain=6dB), RSOURCE=37.5Ω; all inputs AC coupled with
0.1µF
; all outputs AC coupled with 220µF into 150Ω referenced to 400kHz; unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
SD Gain, 0dB_SEL=0
(3)
5.6
6.0
6.4
AVSD
SD Gain, 0dB_SEL=1
(3)
All Channels, SD Mode
-0.4
0
0.4
dB
f1dBSD
-1dB Bandwidth for SD
All Channels
5.5
7.6
MHz
fCSD
-3dB Bandwidth for SD
All Channels
8.5
MHz
fSBSD
Attenuation: SD (Stop-band
Rejection)
(3)
All Channels at f=27MHz
40
56
dB
dG
Differential Gain
All Channels
0.40
%
d
φ
Differential Phase
All Channels
0.25
°
THD
Output Distortion,
All Channels
VOUT=1.8VPP at 1MHz
0.4
%
XTALK
Crosstalk, Channel-to-channel
At 1.0MHz
-68
dB
INMUXISO
INMUX Isolation
At 1.0MHz
-70
dB
SNR
Signal-to-Noise Ratio
All Channels, NTC-7 Weighting,
4.2MHz Lowpass, 100Khz Highpass
74
dB
tpdSD
Propagation Delay for SD
Delay from Input to Output at
4.5MHz
80
ns
T1
SYNC to SYNC_IN Delay
10
ns
T2
SYNC_IN Minimum Pulse
Width
4
µs
Note
:
3.
100% tested at 25°C.


Similar Part No. - FMS6403_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
More results

Similar Description - FMS6403_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6407 FAIRCHILD-FMS6407_05 Datasheet
370Kb / 17P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com