Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6146MTC14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6146MTC14
Description  Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6146MTC14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6146MTC14 Datasheet HTML 1Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 2Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 3Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 4Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 5Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 6Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 7Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 8Page - Fairchild Semiconductor FMS6146MTC14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6146 Rev. 1.0.9
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6
V
Analog and Digital I/O
-0.3
VCC + 0.3
V
Output Channel - Any One Channel (Do Not Exceed)
50
mA
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+300
°C
Θ
JA
Thermal Resistance, JEDEC Standard
Multi-layer Test Boards, Still Air
90
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended ope-
rating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recom-
mend exceeding them or designing to absolute maximum ratings.
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
-40
+85
°C
VCC Range
+4.75
+5.0
+5.25
V


Similar Part No. - FMS6146MTC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6146MTC14 FAIRCHILD-FMS6146MTC14 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6146MTC14 FAIRCHILD-FMS6146MTC14 Datasheet
584Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6146MTC14X FAIRCHILD-FMS6146MTC14X Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6146MTC14X FAIRCHILD-FMS6146MTC14X Datasheet
584Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6146MTC14X ONSEMI-FMS6146MTC14X Datasheet
890Kb / 13P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
October 2009 Rev. 1.1.0
More results

Similar Description - FMS6146MTC14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6146 ONSEMI-FMS6146 Datasheet
890Kb / 13P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
October 2009 Rev. 1.1.0
logo
Fairchild Semiconductor
FMS6146 FAIRCHILD-FMS6146_07 Datasheet
584Kb / 10P
   Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143_07 Datasheet
495Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6145 ONSEMI-FMS6145 Datasheet
885Kb / 13P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
August 2009 Rev. 2.0.6
logo
Fairchild Semiconductor
FMS6145 FAIRCHILD-FMS6145_06 Datasheet
549Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145_08 Datasheet
710Kb / 10P
   Low-Cost Five-Channel 4th-Order Standard Defi nition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
logo
Unisonic Technologies
VF8146 UTC-VF8146_15 Datasheet
182Kb / 5P
   LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com