Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6141S5X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6141S5X
Description  Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6141S5X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6141S5X Datasheet HTML 1Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 2Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 3Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 4Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 5Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 6Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 7Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 8Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
December 2006
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6141 Rev. 1.0.1
FMS6141
Low-Cost, Single-Channel 4
th-Order
Standard Definition Video Filter Driver
Features
Single 4th-Order 8MHz (SD) Filter
Drives Single, AC- or DC-coupled, Video Loads
(2Vpp, 150Ω)
Drives Dual, AC- or DC-coupled, Video Loads
(2Vpp, 75 Ω)
Transparent Input Clamping
AC- or DC-Coupled Input
AC- or DC-Coupled Output
DC-Coupled Output Eliminates AC-Coupling
Capacitors
Single Supply
Robust 8kV ESD Protection
Lead-Free Packages: SOIC-8 or SC70-5
Applications
Cable Set-Top Boxes
Satellite Set-Top Boxes
DVD Players
HDTVs
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
The FMS6141 Low-Cost Video Filter is intended to
replace passive LC filters and drivers with a low-cost
integrated device. The 4th-order filter provides improved
image quality compared to typical 2nd or 3rd-order
passive solutions.
The FMS6141 may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if an AC-coupled
input is required (see Application Information for details).
The FMS6141’s output can drive an AC- or DC-coupled
single (150
Ω) or dual (75 Ω) load. DC-coupling the
output removes the need for output coupling capacitors.
The input DC level is offset approximately +280mV at
the output (see Application Information for details).
Related Applications Notes
AN-6041 PCB Layout Considerations for Video
Filter / Drivers
AN-6024 FMS6xxx Product Series Understanding
Analog Video Signal Clamps, Bias, DC-Restore,
and AC or DC Coupling Methods
Functional Block Diagram
Figure 1. FMS6141 Block Diagram
VIDEOIN
VIDEOOUT
8MHz, 4th-order
2X
Transparent Clamp


Similar Part No. - FMS6141S5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6141S5X FAIRCHILD-FMS6141S5X Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6141S5X ONSEMI-FMS6141S5X Datasheet
149Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
October-2017, Rev . 2
More results

Similar Description - FMS6141S5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6141 FAIRCHILD-FMS6141 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6141 ONSEMI-FMS6141 Datasheet
149Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
October-2017, Rev . 2
logo
Unisonic Technologies
VF8143 UTC-VF8143 Datasheet
164Kb / 5P
   LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
VF8146 UTC-VF8146 Datasheet
182Kb / 5P
   LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
logo
Fairchild Semiconductor
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com