Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXM2IC102L8X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FXM2IC102L8X
Description  Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXM2IC102L8X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FXM2IC102L8X Datasheet HTML 1Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 2Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 3Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 4Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 5Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 6Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 7Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 8Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXM2IC102 Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions(2)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
2. All unused inputs and I/O pins must be held at VCCI or GND.
Symbol
Parameter
Rating
VCCA, VCCB
Supply Voltage
–0.5V to +7.0V
VI
DC Input Voltage
A Port
B Port
Control Input (OE)
–0.5V to +7.0V
–0.5V to +7.0V
–0.5V to +7.0V
VO
Output Voltage(1)
An Outputs 3-State
Bn Outputs 3-State
An Outputs Active
Bn Outputs Active
–0.5V to +7.0V
–0.5V to +7.0V
–0.5V to VCCA + 0.5V
–0.5V to VCCB + 0.5V
IIK
DC Input Diode Current @ VI < 0V
–50mA
IOK
DC Output Diode Current @
VO < 0V
VO > VCC
–50mA
+50mA
IOH / IOL
DC Output Source/Sink Current
–50mA / +50mA
ICC
DC VCC or Ground Current per Supply Pin
±100mA
TSTG
Storage Temperature Range
–65°C to +150°C
Symbol
Parameter
Rating
VCCA or VCCB
Power Supply Operating
1.65V to 5.5V
VI
Input Voltage
A Port
B Port
Control Input (OE)
0.0V to 5.5V
0.0V to 5.5V
0.0V to VCCA
∆t /∆v
Maximum Input Edge Rate VCCA/B = 1.65V to 5.5V
200ns/ V
TA
Free Air Operating Temperature
–40°C to +85°C


Similar Part No. - FXM2IC102L8X

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FXM ILLINOISCAPACITOR-FXM Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
logo
Fairchild Semiconductor
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108 ONSEMI-FXMA108 Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FXMA108BQX FAIRCHILD-FXMA108BQX Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108BQX ONSEMI-FXMA108BQX Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
More results

Similar Description - FXM2IC102L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com