Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5632MPX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5632MPX
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632MPX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5632MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5632MPX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
9
Switch Configuration
S1
S2
S3
S4
V
IN
GND
C+
V
OUT
C-
C
OUT
2:1 configuration
Switches in charging phase
Reverse all switches for pumping phase
C
B
S1
S3
S4
V
IN
GND
C+
VOUT
C-
C
OUT
1:1 configuration
Switch 3 is always off
Switch 4 is always on
Switches 1 and 2 are in phase 1
Reverse position of switches 1&2 for phase 2
C
B
S2
Figure 15.
2:1 Configuration
Figure 16.
1:1 Configuration
Shutdown, UVLO, Short-Circuit,
Current-Limit and Thermal Shutdown
The device has an active-low shutdown pin to decrease
supply current to less than 1
μA. In shutdown mode, the
supply is disconnected from the output. UVLO triggers
when supply voltage drops below 2V. When the output
voltage is lower than 150mV, a short-circuit protection is
triggered. In this mode, 15 out of 16 pulses during the
switching are skipped and the supply current is limited.
Thermal shutdown triggers at 150ºC.
Efficiency Optimizer (FAN5632)
In the FAN5632, VSEL can be tied to ground to enable
the
efficiency
optimizer
feature.
To
achieve
an
optimized efficiency, the switch mode configuration
transition point is shifted from a 2:1 to a 1:1 mode until
the output voltage falls to 20% of its nominal value. For
example, when the nominal output voltage is 1.5V, the
output voltage is allowed to drop to 1.2V. This maintains
a peak efficiency of 85% for the input voltage range of
2.9V to 3.5V. For normal operation, tie VSEL high.


Similar Part No. - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com