Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7310G Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7310G
Description  LCD Backlight Inverter Drive Integrated Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7310G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7310G Datasheet HTML 1Page - Fairchild Semiconductor FAN7310G Datasheet HTML 2Page - Fairchild Semiconductor FAN7310G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7310 Rev. 1.0.3
2
Typical Application
Figure 1. Application Circuit for CCFL
Internal Block Diagram
Figure 2. Functional Block Diagram
0
C28
10nF
R5
27k
Ω
0
C3
4.7nF
IC1
FAN7310
S_S
GND
REF
OLR
ENA
BDIM
OLP
VIN
OUTA
PGND
OUTB
RT1
CT
OUTC
ADIM
EA_IN
EA_OUT
OUTD
RT
BCT
0
DIM(0~3.3V)
ENA
C2
1µF(X7R)
Q1
KST2222
R26
10k
Ω
CCFL
0
0
R16
1.5k
Ω
D6
0
OUTA
R9
8.2k
Ω
0
0
D1
D1N4148
REF
C25
100µF
OLP1
0
0
OUTD
C10
15pF
R3
20k
Ω
R25
10k
Ω
C27
1µF
0
R1
330k
Ω
C5
220pF
0
BAV99
0
0
R14
100k
Ω
R24
10k
Ω
OLP1
FB
0
TX1
R15
2k
Ω
0
0
OUTC
C19
2.2nF
VCC
C4
4.7nF
R2
56k
Ω
M1
0
0
OLP
OLR
M2
0
C14
20nF
0
0
C1
1µF
C7
10µF
0
OUTB
C9
1µF
FDS8958A
C16
2.2nF
C22
1µF
FB
R22
10k
Ω
D11
D1N4148
R8
100k
Ω
0
0
D4
C6
1µF
BAV99
FDS8958A
0
0
R4
22k
Ω
OLR
REF
R6
100k
Ω
C21
10nF
FAN7310 Rev. 05
BDIM
OSCILLATOR
Error Amp.
max. 2V
min. 0.5V
OUTB
OUTA
OUTC
OUTD
-
+
VIN
2.5VREF
ENA
UVLO 5V
UVLO
REF
BCT
+
-
max. 2V
min. 0.5V
OLR
-
+
2V
-
+
1.4V
Solr
Q
Q
SET
CLR
S
R
UVLO
OLP
-
+
PGND
Sburst
Voltage
Reference
&
Internal
Bias
VIN
1.4
μA
UVLO
Output
Driver
Output
Control
Logic
AGND
Solr
105
μA
Sburst 85μA
Output
Driver
RT
CT
S_S
SYNC
ADIM
EA_IN
EA_OUT
2V
2.7V
FAN7310 Rev.03
S_S
6
μA
-
+
+
-
+
+


Similar Part No. - FAN7310G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310G FAIRCHILD-FAN7310G Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310G FAIRCHILD-FAN7310G Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7310G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com