Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2215 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FPF2215
Description  Integrated Load Switch with Adjustable High Precision Current Limit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2215 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FPF2215 Datasheet HTML 3Page - Fairchild Semiconductor FPF2215 Datasheet HTML 4Page - Fairchild Semiconductor FPF2215 Datasheet HTML 5Page - Fairchild Semiconductor FPF2215 Datasheet HTML 6Page - Fairchild Semiconductor FPF2215 Datasheet HTML 7Page - Fairchild Semiconductor FPF2215 Datasheet HTML 8Page - Fairchild Semiconductor FPF2215 Datasheet HTML 9Page - Fairchild Semiconductor FPF2215 Datasheet HTML 10Page - Fairchild Semiconductor FPF2215 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
FPF2213-FPF2215 Rev. B
Typical Characteristics
Figure 13. Turn On Reponse
Figure 14. Turn Off Reponse
Figure 16. Current Limit Response
(Output is loaded with 5 resistor and COUT=10 F)
Figure 15. Current Limit Response
(Output is loaded with 5 resistor and COUT=1 F)
VIN
2V/DIV
IOUT
10mA/DIV
VON
2V/DIV
VOUT
2V/DIV
100 s/DIV
500ns/DIV
VIN=3.3V,
RL=500 ,
CIN=10uF,
RSET=26.8K
VON
2V/DIV
IOUT
200mA/DIV
VFLAG
2V/DIV
VOUT
2V/DIV
200 s/DIV
200 s/DIV
VIN
2V/DIV
IOUT
10mA/DIV
VON
2V/DIV
VOUT
2V/DIV
VIN=3.3V,
RL =500 ,
CIN=10uF,
RSET =26.8K
VIN=3.3V, RL=5 ,
CIN=10uF,
COUT=1uF,
RSET=26.8K
VON
2V/DIV
IOUT
200mA/DIV
VFLAG
2V/DIV
VOUT
2V/DIV
VIN=5V, RL=5 ,
CIN=10uF,
COUT=10uF,
RSET=26.8K
Figure 17. Current Limit Response
(Output is loaded with 5 resistor and COUT=100 F)
500 s/DIV
VON
2V/DIV
IOUT
200mA/DIV
VFLAG
2V/DIV
VOUT
2V/DIV
VIN=5V, RL=5 ,
CIN=10uF,
COUT=100uF,
RSET=26.8K
Figure 18. Current Limit Response
(Switch is powered into a short - input and enable pin
are tied together)
50 s/DIV
VIN=VON
2V/DIV
IOUT
200mA/DIV
VOUT
2V/DIV
VIN=VON=3.3V,
RL=5 ,
CIN=10uF,
COUT=1uF,
RSET=26.8K


Similar Part No. - FPF2215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2215 ONSEMI-FPF2215 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2215 FAIRCHILD-FPF2215_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
More results

Similar Description - FPF2215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com