Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2142 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FPF2142
Description  Full Function Load Switch with Reverse Current Blocking
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2142 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FPF2142 Datasheet HTML 5Page - Fairchild Semiconductor FPF2142 Datasheet HTML 6Page - Fairchild Semiconductor FPF2142 Datasheet HTML 7Page - Fairchild Semiconductor FPF2142 Datasheet HTML 8Page - Fairchild Semiconductor FPF2142 Datasheet HTML 9Page - Fairchild Semiconductor FPF2142 Datasheet HTML 10Page - Fairchild Semiconductor FPF2142 Datasheet HTML 11Page - Fairchild Semiconductor FPF2142 Datasheet HTML 12Page - Fairchild Semiconductor FPF2142 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.fairchildsemi.com
FPF2140/42/43/44/46/47 Rev. D
Application Notes
Power good function in sequential startup. No battery is loaded to the output
Power Good
FPF214X family has a "Power Good" feature. PGOOD pin is an
open-drain MOSFET which asserts high when the output
voltage reaches 90% of the input voltage.
PGOOD pin requires an external pull up resistor that is
connected to the output voltage when there is no battery in the
load side and the logic level of the subsequent controller
permits. This would give logic levels similar to a CMOS output
stage for PGOOD, while still keeping the option to tie the pull-up
to a different supply voltage. A typical value of 100KΩ is
recommended to be used as pull up resistor. The PGOOD pin
status is independent of the ON pin position. This mean that
PGOOD pin stays low when the load switch is OFF. If the Power
Good feature is not used in the application the pin can be
connected directly to GND.
Sequential Startup using Power Good
The power good pin can be connected to another load switch's
enable pin to implement sequential startup. PGOOD pin asserts
low when the load switch is OFF. This feature allows driving a
subsequent circuit. The above diagram illustrates power good
function in sequential startup. As the VOUT1 of the first load
switch starts to ramp to the 90% of its input voltage the second
switch remains in OFF state. Whereas the VOUT1 passes the
90% threshold, power good signal becomes active and asserts
high. This signal will turn on the second load switch and VOUT2
will start to increase. The total startup time may vary according
to the difference between supply voltages that are used in the
application.
OFF ON
ON
VIN1
GND
FPF2140/2/
3/4/6/7
FLAGB
VOUT1
To Load
VIN1
Startup Power Sequence
PGOOD
100KΩ
ON
VIN2
GND
FLAGB
VOUT2
To Load
VIN2
PGOOD
100KΩ
FPF2140/2/
3/4/6/7
TP


Similar Part No. - FPF2142

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2148 FAIRCHILD-FPF2148 Datasheet
760Kb / 12P
   Full Function Load Switch
More results

Similar Description - FPF2142

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
   Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com