Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40N60SFD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGH40N60SFD
Description  600V, 40A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40N60SFD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGH40N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.fairchildsemi.com
FGH40N60SFD Rev. C
Typical Performance Characteristics
Figure 13. Turn-off Characteristics vs.
Figure 14. Turn-on Characteristics vs.
Gate Resistance
Collector Current
Figure 15. Turn-off Characteristics vs.
Figure 16. Switching Loss vs. Gate Resistance
Collector Current
Figure 17. Switching Loss vs. Collector Current
Figure 18. Turn off Switching
SOA Characteristics
0
10
20304050
10
100
1000
Common Emitter
VCC = 400V, VGE = 15V
IC = 40A
TC = 25
o
C
TC = 125
o
C
t
d(off)
t
f
Gate Resistance, RG []
5500
20
40
60
80
10
100
500
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
r
t
d(on)
Collector Current, IC [A]
20
40
60
80
10
100
500
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
0
10203040
50
0.3
1
10
Common Emitter
V
CC = 400V, VGE = 15V
I
C = 40A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
0.2
20
30
40
50
60
70
80
0.1
1
10
30
Common Emitter
V
GE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
1
10
100
1000
1
10
100
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
200


Similar Part No. - FGH40N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
FGH40N60SFDTU ONSEMI-FGH40N60SFDTU Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
FGH40N60SFDTU-F085 ONSEMI-FGH40N60SFDTU-F085 Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
More results

Similar Description - FGH40N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com