Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40N60SFD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGH40N60SFD
Description  600V, 40A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40N60SFD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGH40N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGH40N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FGH40N60SFD Rev. C
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0.0
1.5
3.0
4.5
6.0
0
20
40
60
80
100
120
20V
TC = 25
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
0.0
1.5
3.0
4.5
6.0
0
20
40
60
80
100
120
20V
TC = 125
o
C
15V
12V
10V
VGE = 8V
Collector-Emitter Voltage, VCE [V]
01
23
4
0
20
40
60
80
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
6
8
10
12
13
0
40
80
120
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
4
8
12
16
20
0
4
8
12
16
20
IC = 20A
40A
80A
Common Emitter
T
C = -40
o
C
Gate-Emitter Voltage, VGE [V]
25
50
75
100
125
1.0
1.5
2.0
2.5
3.0
3.5
4.0
80A
40A
IC = 20A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]


Similar Part No. - FGH40N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
   600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
FGH40N60SFDTU ONSEMI-FGH40N60SFDTU Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
FGH40N60SFDTU-F085 ONSEMI-FGH40N60SFDTU-F085 Datasheet
815Kb / 9P
   IGBT - Field Stop 600 V, 40 A
February, 2020 - Rev. 3
More results

Similar Description - FGH40N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60UF FAIRCHILD-FGH40N60UF Datasheet
710Kb / 8P
   600V, 40A Field Stop IGBT
FGH40N60SMDF FAIRCHILD-FGH40N60SMDF Datasheet
357Kb / 10P
   600V, 40A Field Stop IGBT
FGH40N60UFD FAIRCHILD-FGH40N60UFD Datasheet
793Kb / 9P
   600V, 40A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60 ROHM-RGCL80TS60 Datasheet
755Kb / 11P
   600V 40A Field Stop Trench IGBT
RGCL80TS60D ROHM-RGCL80TS60D Datasheet
907Kb / 13P
   600V 40A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com