Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA180N33ATD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGA180N33ATD
Description  330V, 180A PDP Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA180N33ATD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGA180N33ATD Datasheet HTML 1Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 2Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 3Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 4Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 5Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 6Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 7Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 8Page - Fairchild Semiconductor FGA180N33ATD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGA180N33ATD Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Capacitance Characteristics
Figure 9. Gate charge Characteristics
Figure 10. SOA Characteristics
Figure 11. Turn-on Characteristics vs.
Figure 12. Turn-off Characteristics vs.
110
0
2000
4000
6000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
4
8
121620
0
4
8
12
16
20
180A
IC = 20A
40A
90A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
0
30
60
90
120
150
180
0
3
6
9
12
15
Common Emitter
TC = 25
o
C
200V
V
CC = 100V
Gate Charge, Qg [nC]
1
10
100
1000
0.1
1
10
100
1000
DC Operation
I
C MAX (Continuous)
I
C MAX (Pulse)
1ms
10ms
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
10µs
100µs
Collector-Emitter Voltage, VCE [V]
0
20406080
100
100
1000
5000
70
Common Emitter
VCC = 200V, VGE = 15V
IC = 40A
TC = 25
o
C
TC = 125
o
C
t
d(off)
t
f
Gate Resistance, RG []
0
20
406080
100
10
100
Common Emitter
VCC = 200V, VGE = 15V
IC = 40A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []
500
Gate Resistance
Gate Resistance


Similar Part No. - FGA180N33ATD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
FGA180N33ATDTU FAIRCHILD-FGA180N33ATDTU Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
More results

Similar Description - FGA180N33ATD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA90N33ATDTU FAIRCHILD-FGA90N33ATDTU Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD_11 Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
   330V PDP IGBT
FGA70N33BTD FAIRCHILD-FGA70N33BTD Datasheet
755Kb / 9P
   330V, 70A PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
   330V, 50A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com