Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2027 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FPF2027
Description  Full Functional Load Switch With 100mA Current Limit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2027 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FPF2027 Datasheet HTML 1Page - Fairchild Semiconductor FPF2027 Datasheet HTML 2Page - Fairchild Semiconductor FPF2027 Datasheet HTML 3Page - Fairchild Semiconductor FPF2027 Datasheet HTML 4Page - Fairchild Semiconductor FPF2027 Datasheet HTML 5Page - Fairchild Semiconductor FPF2027 Datasheet HTML 6Page - Fairchild Semiconductor FPF2027 Datasheet HTML 7Page - Fairchild Semiconductor FPF2027 Datasheet HTML 8Page - Fairchild Semiconductor FPF2027 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
©2008 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FPF2024/5/6/7 Final. B
Typical Characteristics
Figure 1. Shutdown Current vs.Temperature
Figure 2. TRestart vs. Temperature
Figure 3. Quiescent Current vs. Temperature
Figure 4. TBlank vs. Temperature
Figure 5. RDS(ON) vs. VIN
Figure 6. RDS(ON) vs. Temperature
63
64
65
66
67
68
69
70
-50
-25
0
255075
100
Temperature (oC)
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-25
0
25
50
75
100
Temperature (
oC)
VIN = 5.5V
VIN = 3.3V
VIN = 1.6V
9.2
9.4
9.6
9.8
10
10.2
10.4
-50
-25
0
255075
100
Temperature (oC)
600
700
800
900
1000
1100
1200
-50
-25
0
255075
100
Temperature (
oC)
VIN = 1.8V
150
200
250
300
350
12
3
4
5
6
VIN (V)
85
oC
50
oC
25
oC
-25
oC
-40
oC
0 oC
150
200
250
300
350
-50
-25
0
25
50
75
100
Temperature
oC
VIN = 1.6 V
VIN = 1.8 V
VIN = 3.3 V
VIN = 5.5 V


Similar Part No. - FPF2027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2000 FAIRCHILD-FPF2000 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com