Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH60N60UFDTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGH60N60UFDTU
Description  600V, 60A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH60N60UFDTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGH60N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH60N60UFDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FGH60N60UFD Rev. A
Package Marking and Ordering Information
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Device Marking
Device
Package
Packaging
Type
Qty per Tube
Max Qty
per Box
FGH60N60UFD
FGH60N60UFDTU
TO-247
Tube
30ea
-
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector to Emitter Breakdown Voltage
VGE = 0V, IC = 250µA
600
-
-
V
∆BV
CES
∆T
J
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 250µA
-0.67
-
V/oC
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
-
-
250
µA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
-
-
±400
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 250µA, VCE = VGE
4.0
5.0
6.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 60A, VGE = 15V
-1.9
2.4
V
IC = 60A, VGE = 15V,
TC = 125
oC
-2.1
-
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
-
2855
-
pF
Coes
Output Capacitance
-
325
-
pF
Cres
Reverse Transfer Capacitance
-
110
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 400V, IC = 60A,
RG = 5Ω, VGE = 15V,
Inductive Load, TC = 25
oC
-23
-
ns
tr
Rise Time
-
58
-
ns
td(off)
Turn-Off Delay Time
-
130
-
ns
tf
Fall Time
-
40
80
ns
Eon
Turn-On Switching Loss
-
1.81
-
mJ
Eoff
Turn-Off Switching Loss
-
0.81
-
mJ
Ets
Total Switching Loss
-
2.62
-
mJ
td(on)
Turn-On Delay Time
VCC = 400V, IC = 60A,
RG = 5Ω, VGE = 15V,
Inductive Load, TC = 125
oC
-22
-
ns
tr
Rise Time
-
61
-
ns
td(off)
Turn-Off Delay Time
-
141
-
ns
tf
Fall Time
-
63
-
ns
Eon
Turn-On Switching Loss
-
1.92
-
mJ
Eoff
Turn-Off Switching Loss
-
1.23
-
mJ
Ets
Total Switching Loss
-
3.15
-
mJ
Qg
Total Gate Charge
VCE = 400V, IC = 60A,
VGE = 15V
-
188
-
nC
Qge
Gate to Emitter Charge
-
21
-
nC
Qgc
Gate to Collector Charge
-
97
-
nC


Similar Part No. - FGH60N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FGH60N60UFD ISC-FGH60N60UFD Datasheet
369Kb / 3P
   Field Stop IGBT
More results

Similar Description - FGH60N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
   60A, 600V FIELD STOP IGBT
Rev.:1.7
logo
Fairchild Semiconductor
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SMD FAIRCHILD-FGH60N60SMD Datasheet
397Kb / 10P
   600V, 60A Field Stop IGBT
FGH60N60SFD FAIRCHILD-FGH60N60SFD Datasheet
768Kb / 9P
   600V, 60A Field Stop IGBT
logo
Shenzhen Huazhimei Semi...
HMG60N65FT HMSEMI-HMG60N65FT Datasheet
1Mb / 8P
   650V /60A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com