Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ75C Datasheet(PDF) 2 Page - UNIOHM CORPORATION

Part # SMCJ75C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

SMCJ75C Datasheet(HTML) 2 Page - UNIOHM CORPORATION

  SMCJ75C Datasheet HTML 1Page - UNIOHM CORPORATION SMCJ75C Datasheet HTML 2Page - UNIOHM CORPORATION SMCJ75C Datasheet HTML 3Page - UNIOHM CORPORATION SMCJ75C Datasheet HTML 4Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
Tf=10 s
Peak Value
IPPM
Half Value-IPPM
2
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
40
60
80
100
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
5.0mm COPPER PAD AREAS
2
FIG.4-TYPICAL JUNCTION CAPACITANCE
1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
100
200
500
10
20
50
1,000
2,000
5,000
10,000
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
10/1000 sec Waveform
as Defined by R.E.A.


Similar Part No. - SMCJ75C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ75C BYTES-SMCJ75C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ75C LUGUANG-SMCJ75C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ75C MICROSEMI-SMCJ75C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Bruckewell Technology L...
SMCJ75C BWTECH-SMCJ75C Datasheet
183Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ75C VISHAY-SMCJ75C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ75C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com