Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5361UC13X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5361UC13X
Description  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC13X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5361UC13X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 9Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 10Page - Fairchild Semiconductor FAN5361UC13X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
7
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6V, VMODE = 0V, VOUT = 1.82V, TA = 25°C.
30
32
34
36
38
40
42
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN Input Voltage (V)
VEN=VIN
VEN=1.8V
1.785
1.790
1.795
1.800
1.805
1.810
1
10
100
1,000
I LOAD Output Current (mA)
Auto PWM/PFM
Forced PWM
Figure 17. Quiescent Curent vs. Input Voltage
Figure 18. Load Regulation, Auto PFM / PWM and
Forced PWM
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
-40
-20
0
204060
80
Ambient Temperature (°C)
VIN=5.5V
VEN=0V
Figure 19. Shutdown Current vs. Temperature


Similar Part No. - FAN5361UC13X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC182X ONSEMI-FAN5361UC182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC19X ONSEMI-FAN5361UC19X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Similar Description - FAN5361UC13X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com