Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3226TMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN3226TMX
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226TMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3226TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3226TMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.3
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to PGND
-0.3
20.0
V
VEN
ENA and ENB to GND
GND - 0.3 VDD + 0.3
V
VIN
INA, INA+, INA–, INB, INB+ and INB– to GND
GND - 0.3 VDD + 0.3
V
VOUT
OUTA and OUTB to GND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Human Body Model, JEDEC JESD22-A114
4
kV
ESD
Electrostatic Discharge
Protection Level
Charged Device Model, JEDEC JESD22-C101
1
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VEN
Enable Voltage ENA and ENB
0
VDD
V
VIN
Input Voltage INA, INA+, INA–, INB, INB+ and INB–
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC


Similar Part No. - FAN3226TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226TMX FAIRCHILD-FAN3226TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226TMX FAIRCHILD-FAN3226TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226TMX FAIRCHILD-FAN3226TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226TMX FAIRCHILD-FAN3226TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226TMX FAIRCHILD-FAN3226TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3226TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com