Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3224CMPX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN3224CMPX
Description  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3224CMPX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3224CMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 13Page - Fairchild Semiconductor FAN3224CMPX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5
10
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 15. IDD (2.2nF Load) vs. Frequency
Figure 16. IDD (2.2nF Load) vs. Frequency
Figure 17. IDD (Static) vs. Temperature
(12)
Figure 18. IDD (Static) vs. Temperature
(12)
Figure 19. IDD (Static) vs. Temperature
(12)


Similar Part No. - FAN3224CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3224CMPX FAIRCHILD-FAN3224CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3224CMPX FAIRCHILD-FAN3224CMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3224CMPX ONSEMI-FAN3224CMPX Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Similar Description - FAN3224CMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com