Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73533DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73533DRVT
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73533DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73533DRVT Datasheet HTML 1Page - Texas Instruments TPS73533DRVT Datasheet HTML 2Page - Texas Instruments TPS73533DRVT Datasheet HTML 3Page - Texas Instruments TPS73533DRVT Datasheet HTML 4Page - Texas Instruments TPS73533DRVT Datasheet HTML 5Page - Texas Instruments TPS73533DRVT Datasheet HTML 6Page - Texas Instruments TPS73533DRVT Datasheet HTML 7Page - Texas Instruments TPS73533DRVT Datasheet HTML 8Page - Texas Instruments TPS73533DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
8
7
6
5
OUT
N/C
NR/FB
GND
IN
N/C
N/C
EN
1
2
3
4
GND
DRVPACKAGE
2mmx2mmSON
IN
N/C
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
(TOPVIEW)
TPS735xx
www.ti.com..................................................................................................................................................... SBVS087D – JUNE 2008 – REVISED OCTOBER 2008
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR
Low Dropout Linear Regulator
2
• 500mA Low Dropout Regulator with EN
The
TPS735xx
family
of
low-dropout
(LDO),
low-power
linear
regulators
offers
excellent
ac
• Low I
Q: 46µA
performance with very low ground current. High
• Multiple Output Voltage Versions Available:
power-supply rejection ratio (PSRR), low noise, fast
Fixed Outputs of 1.0V to 4.3V Using
start-up,
and
excellent
line
and
load
transient
Innovative Factory EEPROM Programming
response are provided while consuming a very low
46
µA (typical) ground current. The TPS735xx is
Adjustable Outputs from 1.0V to 6.0V
stable with ceramic capacitors and uses an advanced
• High PSRR: 60dB at 1kHz
BiCMOS fabrication process to yield a typical dropout
• Ultra-low Noise: 28µV
RMS
voltage of 250mV at 500mA output. The TPS735xx
uses a precision voltage reference and feedback loop
• Fast Start-Up Time: 45µs
to achieve overall accuracy of 2% (VOUT > 2.2V) over
• Stable with a Low-ESR, 2.0µF Typical Output
all load, line, process, and temperature variations. It
Capacitance
is fully specified from TJ = –40°C to +125°C and is
• Excellent Load/Line Transient Response
offered in a low-profile, 2mm x 2mm SON and 3mm ×
3mm SON packages that is ideal for wireless
• 2% Overall Accuracy (Load/Line/Temp,
handsets, printers, and WLAN cards.
VOUT > 2.2V)
• Very Low Dropout: 250mV at 500mA
• 2mm × 2mm SON-6 and 3mm × 3mm SON-8
Packages
• WiFi, WiMax
• Printers
• Cellular Phones, SmartPhones
• Handheld Organizers, PDAs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73533DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73533DRVT TI-TPS73533DRVT Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRVT TI-TPS73533DRVT Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRVT TI-TPS73533DRVT Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRVT TI-TPS73533DRVT Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73533DRVT TI-TPS73533DRVT Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS73533DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com