Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65563A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65563A
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65563A Datasheet(HTML) 3 Page - Texas Instruments

  TPS65563A Datasheet HTML 1Page - Texas Instruments TPS65563A Datasheet HTML 2Page - Texas Instruments TPS65563A Datasheet HTML 3Page - Texas Instruments TPS65563A Datasheet HTML 4Page - Texas Instruments TPS65563A Datasheet HTML 5Page - Texas Instruments TPS65563A Datasheet HTML 6Page - Texas Instruments TPS65563A Datasheet HTML 7Page - Texas Instruments TPS65563A Datasheet HTML 8Page - Texas Instruments TPS65563A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TPS65563A
www.ti.com......................................................................................................................................................... SLVS858A – JULY 2008 – REVISED AUGUST 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range (unless otherwise noted)
UNIT
VCC, IGBT_VCC
–0.6 to 6
Supply voltage range
V
VBAT
–0.6 to 13
Vo
Output voltage range of XFULL
–0.6 to 6
V
VSW
Switch terminal voltage range
–0.6 to 50
V
ISW
Switch current between SW and GND
3
A
VI
Input voltage range
CHG, I_PEAK, F_ON, F_EN
–0.3 to VCC
V
Tstg
Storage temperature range
–40 to 150
°C
TJ
Maximum junction temperature
125
°C
ESD rating Human Body Model (HBM) JES22-A114
1.5
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
MAX
UNIT
VCC, IGBT_VCC
2.7
5.5
Supply voltage
V
VBAT
1.4
12
VSW
Switch terminal voltage
–0.3
45
V
ISW
Switch current between SW and GND
2.3
A
VIH
High-level digital input voltage at CHG, F_ON, and F_EN
2.0
V
VIL
Low-level digital input voltage at CHG, F_ON, and F_EN
0.6
V
Operating free-air temperature
–35
85
°C
POWER RATINGS
POWER RATINGS RATE
PACKAGE
RθJA
(1)
TA < 25°C
TA = 85°C
QFN
47.4°C/W
2.11 W
0.844 W
(1)
The thermal resistance, RθJA, is based on a soldered PowerPAD™ package on a 2S2P JEDEC board using thermal vias.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65563A


Similar Part No. - TPS65563A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563RGTR TI-TPS65563RGTR Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563RGTT TI-TPS65563RGTT Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65563A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com