Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38855 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38855
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38855 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP38855 Datasheet HTML 6Page - National Semiconductor (TI) LP38855 Datasheet HTML 7Page - National Semiconductor (TI) LP38855 Datasheet HTML 8Page - National Semiconductor (TI) LP38855 Datasheet HTML 9Page - National Semiconductor (TI) LP38855 Datasheet HTML 10Page - National Semiconductor (TI) LP38855 Datasheet HTML 11Page - National Semiconductor (TI) LP38855 Datasheet HTML 12Page - National Semiconductor (TI) LP38855 Datasheet HTML 13Page - National Semiconductor (TI) LP38855 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
//htmlimg2.alldatasheet.com/htmldatasheet2/245054/NSC/LP38855/654/11/LP38855.png


Similar Part No. - LP38855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38855 TI-LP38855 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855S-0.8/NOPB TI-LP38855S-0.8/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855S-1.2 TI-LP38855S-1.2 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855S-1.2/NOPB TI-LP38855S-1.2/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855SX-1.2/NOPB TI-LP38855SX-1.2/NOPB Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
More results

Similar Description - LP38855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com