Electronic Components Datasheet Search |
|
SMCJ5.0C Datasheet(PDF) 1 Page - UNIOHM CORPORATION |
|
SMCJ5.0C Datasheet(HTML) 1 Page - UNIOHM CORPORATION |
1 / 4 page SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATINGS SYMBOL VALUE UNITS Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) PPK Minimum 1500 Watts FEATURES MECHANICAL DATA Peak Forward Surge Current at 8.3ms Single Half Sine-Wave Maximum Instantenous Forward Voltage at 35.0A for superimposed on rated load (JEDEC method) (NOTE 3) Unidirectional only Operating and Storage Temperature Range TJ, TSTG -55 to +150 C * For surface mount application 1.0ps from 0 volt to BV min. * High temperature soldering guaranteed: 260 C / 10 seconds at terminals * Typical IR less than 1 A above 10V * Fast response time: Typically less than * Built-in strain relief * Excellent clamping capability * Low profile package * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any Weight: 0.21 grams SMCJ SERIES * VOLTAGE RANGE 5.0 to 170 Volts 1500 Watts Peak Power IFSM 100 Amps VF 3.5 Volts NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2. Mounted on Copper Pad area of 8.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. DEVICES FOR BIPOLAR APPLICATIONS 1. For Bidirectional use C or CA Suffix for types SMCJ5.0 thru SMCJ170. 2. Electrical characteristics apply in both directions. DO-214AB Dimensions in inches and (millimeters) .320(8.13) .305(7.75) .280(7.11) .260(6.60) .012(0.31) .006(0.15) .124(3.15) .108(2.75) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .245(6.22) .220(5.59) .008 (.203) MAX. 2 |
Similar Part No. - SMCJ5.0C |
|
Similar Description - SMCJ5.0C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |