Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6641TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6641TRPBF
Description  DirectFET TM Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6641TRPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6641TRPBF_07 Datasheet HTML 1Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 2Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 3Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 4Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 5Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 6Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 7Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 8Page - International Rectifier IRF6641TRPBF_07 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6641TRPbF
6
www.irf.com
VGS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 14a. Gate Charge Test Circuit
Fig 14b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 15b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 15a. Unclamped Inductive Test Circuit
Fig 16b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 16a. Switching Time Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
- VDD
VGS


Similar Part No. - IRF6641TRPBF_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
More results

Similar Description - IRF6641TRPBF_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6713SPBF IRF-IRF6713SPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6720S2TRPBF IRF-IRF6720S2TRPBF Datasheet
232Kb / 10P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com