Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP7NC70Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP7NC70Z
Description  N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NC70Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP7NC70Z Datasheet HTML 2Page - STMicroelectronics STP7NC70Z Datasheet HTML 3Page - STMicroelectronics STP7NC70Z Datasheet HTML 4Page - STMicroelectronics STP7NC70Z Datasheet HTML 5Page - STMicroelectronics STP7NC70Z Datasheet HTML 6Page - STMicroelectronics STP7NC70Z Datasheet HTML 7Page - STMicroelectronics STP7NC70Z Datasheet HTML 8Page - STMicroelectronics STP7NC70Z Datasheet HTML 9Page - STMicroelectronics STP7NC70Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STP7NC70Z - STP7NC70ZFP - STB7NC70Z - STB7NC70Z-1
6/13
Source-drain Diode Forward Characteristics


Similar Part No. - STP7NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
   N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC80ZFP STMICROELECTRONICS-STP7NC80ZFP Datasheet
542Kb / 13P
   N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
More results

Similar Description - STP7NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
   N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80Z STMICROELECTRONICS-STP4NC80Z Datasheet
526Kb / 13P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP4NC80ZFP STMICROELECTRONICS-STP4NC80ZFP Datasheet
543Kb / 14P
   N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP7NC80Z STMICROELECTRONICS-STP7NC80Z Datasheet
542Kb / 13P
   N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?줚II MOSFET
STP2NC70Z STMICROELECTRONICS-STP2NC70Z Datasheet
634Kb / 13P
   N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH?줚II MOSFET
STP5NC70Z STMICROELECTRONICS-STP5NC70Z Datasheet
348Kb / 12P
   N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D짼PAK/I짼PAK Zener-Protected PowerMESH?줚II MOSFET
STP3NC70Z STMICROELECTRONICS-STP3NC70Z Datasheet
324Kb / 10P
   N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH?줚II MOSFET
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com