Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V826532K04S Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V826532K04S
Description  2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V826532K04S Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V826532K04S Datasheet HTML 5Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 6Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 7Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 8Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 9Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 10Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 11Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 12Page - Mosel Vitelic, Corp V826532K04S Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MOSEL VITELIC
V826532K04S
9
V826532K04S Rev. 1.2 March 2002
DDR SDRAM MODULE IDD SPEC TABLE
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Detailed test conditions for DDR SDRAM IDD1 & IDD
IDD1 : Operating current: One bank operation
1. Typical Case : Vdd = 2.5V, T=25’ C
2. Worst Case : Vdd = 2.7V, T= 10’ C
3. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs on NOP edge are changing once
per clock cycle. lout = 0mA
4. Timing patterns
- DDR200(100Mhz, CL=2) : tCK = 10ns, CL2, BL=4, tRCD = 2*tCK, tRAS = 5*tCK
Read : A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266B(133Mhz, CL=2.5) : tCK = 7.5ns, CL=2.5, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
- DDR266A (133Mhz, CL=2) : tCK = 7.5ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
*50% of data changing at every burst
Legend : A=Activate, R=Read, W=Write, P=Precharge, N=NOP
Symbol
B1
(DDR266@CL=2)
B0
(DDR266@ CL=2.5)
A1
(DDR200@CL=2)
Unit
Typical
Worst
Typical
Worst
Typical
Worst
IDD0
1210
1230
1210
1230
980
1050
mA
IDD1
1440
1530
1440
1530
1130
1250
mA
IDD2P
610
650
610
650
490
530
mA
IDD2F
770
850
770
850
650
690
mA
IDD2Q
690
730
690
730
570
600
mA
IDD3P
650
690
650
690
530
570
mA
IDD3N
810
890
810
890
650
730
mA
IDD4R
1770
2000
1770
2000
1450
1650
mA
IDD4W
1890
2200
1890
2200
1530
1690
mA
IDD5
1890
2200
1890
2200
1530
1690
mA
IDD6
Normal
32
32
32
32
32
32
mA
Low power
16
16
16
16
16
16
mA
IDD7
3100
3500
3100
3500
2450
2850
mA


Similar Part No. - V826532K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V826516B04S MOSEL-V826516B04S Datasheet
285Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516G04S MOSEL-V826516G04S Datasheet
275Kb / 14P
   128 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 16M x 64
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658B04S MOSEL-V82658B04S Datasheet
220Kb / 14P
   64 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 8M x 64
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
More results

Similar Description - V826532K04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG-10PC MOSEL-V436532S04VATG-10PC Datasheet
198Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com