Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS3218PZPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS3218PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS3218PZPR Datasheet HTML 1Page - Texas Instruments TAS3218PZPR Datasheet HTML 2Page - Texas Instruments TAS3218PZPR Datasheet HTML 3Page - Texas Instruments TAS3218PZPR Datasheet HTML 4Page - Texas Instruments TAS3218PZPR Datasheet HTML 5Page - Texas Instruments TAS3218PZPR Datasheet HTML 6Page - Texas Instruments TAS3218PZPR Datasheet HTML 7Page - Texas Instruments TAS3218PZPR Datasheet HTML 8Page - Texas Instruments TAS3218PZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
1
FEATURES
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
• Audio Digital Signal Processor
2
• Audio Input/Output
Programmable Functionality
3 Synchronous Serial Audio Inputs
135-MHz Operation
(6 Channels)
48-Bit Data Path With 76-Bit Accumulator
2 Synchronous Serial Audio Outputs
Two Memory Loads and One Memory Store
(4 Channels)
Per Cycle
Input and Output Data Formats: 16-, 20-, or
Usable 768 Data RAM Words (48-Bit),
24-Bit Data Left, Right ,and I2S
Usable 1K Coefficient RAM (28-Bit)
SPDIF Transmitter
Usable 2.5K Program RAM
64 Fs Bit Clock Rate
360 ms at 48 kHz, 17408 Words 24-Bit Delay
512 Fs XTAL Input for Master Mode Clock
Memory for Video Sync
Rates
• System Control Processor
256 Fs MCLKIN for Slave Mode Clock Rates
Embedded 8051 WARP Microprocessor
10 Multiplexed Stereo Analog Inputs
Programmable Using Standard 8051 C
Selectable into 1 Stereo ADC and 3 Stereo
Compilers
Line Outputs
16K Words of Program RAM (8-Bit)
High Quality DNR: 93 dB (Typical) ADC
2048 Words of Data RAM (8-Bit)
Channel Performance (2 Channels)
256 Words of Internal RAM (8-Bit)
3 Single-Ended Analog Stereo Line Driver
Programmable Functionality
Outputs With 1 of 11 Selectable Input, 10 k
• General Features
100-pF Drive Capability (Typical Output
Easy-to-Use Control Interface
Level: 1 Vrms)
I2C Serial Control Master and Slave
3 Stereo Audio DACs
Interface
High-Quality DNR: 97 dB (Typical) DAC
Control Interface Operational Without
Channel Performance (6 Channels)
External MCLK Input
Stereo Headphone Amplifier 24 mW Power
Single 3.3-V Power Supply
Output into 16 , 100 pF
Integrated Regulators
100-Pin TQFP (PZP) Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS3218PZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3218PZPR TI-TAS3218PZPR Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3218PZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
logo
Maxim Integrated Produc...
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
logo
Texas Instruments
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
logo
Texas Instruments
TAS3002 TI-TAS3002 Datasheet
350Kb / 74P
[Old version datasheet]   Digital Audio Processor With Codec
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com