Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8800RTYT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800RTYT
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800RTYT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8800RTYT Datasheet HTML 6Page - Texas Instruments DRV8800RTYT Datasheet HTML 7Page - Texas Instruments DRV8800RTYT Datasheet HTML 8Page - Texas Instruments DRV8800RTYT Datasheet HTML 9Page - Texas Instruments DRV8800RTYT Datasheet HTML 10Page - Texas Instruments DRV8800RTYT Datasheet HTML 11Page - Texas Instruments DRV8800RTYT Datasheet HTML 12Page - Texas Instruments DRV8800RTYT Datasheet HTML 13Page - Texas Instruments DRV8800RTYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
tOCP
tBLANK
IPEAK
IOCP
IOUTx
High-Z
VOUTA
VOUTB
Enable,
Source
orSink
BLANK
ChargePump
Counter
NFAULT
MotorLead
ShortCondition
NormalDC
MotorCapacitance
FUNCTIONAL DESCRIPTION
Device Operation
Logic Inputs
VREG (DRV8800 Only)
VPROPI (DRV8801 Only)
DRV8800
DRV8801
SLVS855A – JULY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
Figure 2. Overcurrent Control Timing
The DRV8800/DRV8801 is designed to drive one dc motor. The current through the output full-bridge switches
and all N-channel DMOS are regulated with a fixed off-time PWM control circuit.
It is recommended to use a high-value pullup resistor when logic inputs are pulled up to VDD. This resistor limits
the current to the input in case an overvoltage event occurs. Logic inputs are nSLEEP, MODE, PHASE, and
ENABLE. Voltages higher than 7 V on any logic input can cause damage to the input structure.
This output represents a measurement of the internal regulator voltage. This pin should be left disconnected. A
voltage of approximately 7.5 V can be measured at this pin.
This output offers an analog voltage proportional to the winding current. Voltage at this terminal is five times
greater than the motor winding current (VPROPI = 5×I). VPROPI is meaningful only if there is a resistor
connected to the SENSE pin. If SENSE is connected to ground, VPROPI measures 0 V. During slow decay,
VPROPI outputs 0 V. VPROPI can output a maximum of 2.5 V, since at 500 mV on SENSE, the H-bridge is
disabled.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV8800 DRV8801


Similar Part No. - DRV8800RTYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800RTYT TI-DRV8800RTYT Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8800RTYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com