Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC6311 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6311 Datasheet(HTML) 1 Page - Texas Instruments

  DAC6311 Datasheet HTML 1Page - Texas Instruments DAC6311 Datasheet HTML 2Page - Texas Instruments DAC6311 Datasheet HTML 3Page - Texas Instruments DAC6311 Datasheet HTML 4Page - Texas Instruments DAC6311 Datasheet HTML 5Page - Texas Instruments DAC6311 Datasheet HTML 6Page - Texas Instruments DAC6311 Datasheet HTML 7Page - Texas Instruments DAC6311 Datasheet HTML 8Page - Texas Instruments DAC6311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Power-On
Reset
DAC
Register
8-/10-/12-Bit
DAC
Output
Buffer
InputControl
Logic
Power-Down
ControlLogic
Resistor
Network
SYNC SCLK
D
IN
AV
DD
GND
V
OUT
REF(+)
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
1.8V to 5.5V, 80
µA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
234
• Relative Accuracy:
The
DAC5311
(8-bit),
DAC6311
(10-bit),
and
DAC7311 (12-bit) are low-power, single-channel,
0.25 LSB INL (DAC5311: 8-bit)
voltage output digital-to-analog converters (DAC).
0.5 LSB INL (DAC6311: 10-bit)
They are monotonic by design and provide excellent
1 LSB INL (DAC7311: 12-bit)
linearity
and
minimize
undesired
code-to-code
• microPower Operation: 80µA at 1.8V
transient voltages while offering an easy upgrade
path within a pin-compatible family. All devices use a
• Power-Down: 0.5µA at 5V, 0.1µA at 1.8V
versatile, 3-wire serial interface that operates at clock
• Wide Power Supply: +1.8V to +5.5V
rates of up to 50MHz and is compatible with standard
• Power-On Reset to Zero Scale
SPI™, QSPI™, MICROWIRE™, and digital signal
processor (DSP) interfaces.
• Straight Binary Data Format
• Low Power Serial Interface with
All devices use an external power supply as a
reference voltage to set the output range. The
Schmitt-Triggered Inputs: Up to 50MHz
devices incorporate a power-on reset (POR) circuit
• On-Chip Output Buffer Amplifier, Rail-to-Rail
that ensures the DAC output powers up at 0V and
Operation
remains there until a valid write to the device occurs.
• SYNC Interrupt Facility
The DAC5311, DAC6311, and DAC7311 contain a
power-down
feature,
accessed
over
the
serial
• Extended Temperature Range –40°C to +125°C
interface, that reduces current consumption of the
• Pin-Compatible Family in a Tiny, 6-Pin SC70
device to 0.1
µA at 1.8V in power down mode. The
Package
low power consumption of this part in normal
operation
makes
it
ideally
suited
for
portable,
battery-operated equipment. The power consumption
• Portable, Battery-Powered instruments
is 0.55mW at 5V, reducing to 2.5
µW in power-down
mode.
• Process Control
• Digital Gain and Offset Adjustment
These devices are pin-compatible with the DAC8311
and DAC8411, offering an easy upgrade path from
• Programmable Voltage and Current Sources
8-, 10-, and 12-bit resolution to 14- and 16-bit. All
devices are available in a small, 6-pin, SC70
package.
This
package
offers
a
flexible,
RELATED
pin-compatible, and functionally-compatible drop-in
DEVICES
16-BIT
14-BIT
12-BIT
10-BIT
8-BIT
solution
within
the
family
over
an
extended
Pin and
Function
DAC8411
DAC8311
DAC7311
DAC6311
DAC5311
temperature range of –40°C to +125°C.
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
MICROWIRE is a trademark of National Semiconductor Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC6311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6311 TI-DAC6311 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC6311 TI1-DAC6311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC6311IDCKR TI1-DAC6311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC6311IDCKR TI1-DAC6311IDCKR Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC6311IDCKRG4 TI1-DAC6311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC6311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
logo
Maxim Integrated Produc...
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11600 MAXIM-MAX11600 Datasheet
642Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 1; 7/09
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com